Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW5041 Datasheet(PDF) 5 Page - Total Power International

Part # MKW5041
Description  Wide 2:1 Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW5041 Datasheet(HTML) 5 Page - Total Power International

  MKW5041 Datasheet HTML 1Page - Total Power International MKW5041 Datasheet HTML 2Page - Total Power International MKW5041 Datasheet HTML 3Page - Total Power International MKW5041 Datasheet HTML 4Page - Total Power International MKW5041 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MKW5000 SERIES
DC/DC CONVERTER 30W
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup.
Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR <
1.0Ω at 100 KHz) capacitor of a 33μF for the 12V input devices and a 10μF for the 24V and 48V devices.
.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is
recommended to use 4.7μF capacitors at the output.
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
Load
Cout
Maximum Capacitive Load
The MKW5000 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up,
affecting the ramp-up and the startup time. For optimum performance we recommend 680μF maximum capacitive load for 12V & 15V outputs and 6800μF
capacitive load for the other outputs.
The maximum capacitance can be found in the data sheet.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the
maximum temperature rating of the components inside the power module, the case temperature must be kept below 105
℃.
The derating curves are determined from measurements obtained in a test setup.
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MKW5041

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW5041 TOTAL-POWER-MKW5041 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW5041 MINMAX-MKW5041 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
MKW5041 MINMAX-MKW5041 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MKW5041 MINMAX-MKW5041 Datasheet
447Kb / 6P
   DC/DC CONVERTER 30W
More results

Similar Description - MKW5041

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
   2:1 Wide Input Range
RSOE RECOM-RSOE Datasheet
380Kb / 5P
   2:1 Wide Input Range
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000_17 Datasheet
758Kb / 5P
   Wide 2:1 Input Range
logo
Wall Industries,Inc.
RGW3 WALL-RGW3 Datasheet
376Kb / 6P
   2:1 Wide Input Voltage Range
logo
Recom International Pow...
RW2 RECOM-RW2 Datasheet
102Kb / 2P
   2:1 Wide Range Voltage Input
RTC2 RECOM-RTC2 Datasheet
814Kb / 7P
   2:1 Wide Input Range Regulated Converter
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDS02 P-DUKE-PDS02_15 Datasheet
537Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com