Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDR-20 Datasheet(PDF) 1 Page - Total Power International

Part # MDR-20
Description  20W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MDR-20 Datasheet(HTML) 1 Page - Total Power International

  MDR-20 Datasheet HTML 1Page - Total Power International MDR-20 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MDR-20-5
MDR-20-12
MDR-20-15
MDR-20-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.5
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGHUMIDITY
WORKINGTEMP.
DCOK ACTIVESIGNAL (max.)
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
15V
24V
3A
1.67A
1.34A
1A
0~3A
0~1.67A
0~1.34A
0~1A
15W
20W
20W
24W
80mVp-p
120mVp-p
120mVp-p
13.5~16.5V
150mVp-p
21.6~26.4V
2.0%
1.0%
1.0%
1.0%
10.8~13.2V
4.75~5.5V
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
500ms,30ms/230VAC1000ms,30ms/115VAC atfullload
50ms/230VAC20ms/115VAC atfullload
85~264VAC120~370VDC
47~63Hz
76%
80%
81%
84%
0.55A/115VAC0.35A/230VAC
COLDSTART 20A/115VAC40A/230VAC
105~160% ratedoutputpower
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
5.75~6.75V
3.75~6V/50mA
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
13.8~16.2V
9~13.5V/ 40mA
17.25~20.25V
11.5~16.5V/ 40mA
27.6~32.4V
18~27V/ 20mA
-20~+70
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
Component:10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
236.9Khrsmin.MIL-HDBK-217F(25
)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
UL508, TUVEN60950-1approved,NECclass2/LPScompliant
CompliancetoEN55011,EN55022(CISPR22),EN61204-3ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-1,EN61204-3,lightindustrylevel,criteria A
20WSingleOutputIndustrialDINRailPowerSupply
M D R - 2 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
EMICONDUCTION&RADIATION
Universal AC input/Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Can be installed on DIN rail TS-35/7.5 or 15
NEC class 2 / LPS compliant
LED indicator for power on
No load power consumption<0.75W
100% full load burn-in test
3 years warranty
Built in DC OK active signal
Features :
22.5*90*100mm(W*H*D)
0.19Kg;72pcs/14.7Kg/0.91CUFT
LEAKAGECURRENT
<1mA /240VAC
FUNCTION
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - MDR-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-20 MEANWELL-MDR-20 Datasheet
236Kb / 2P
   20W Single Output Industrial DIN Rail Power Supply
MDR-20 MEANWELL-MDR-20 Datasheet
240Kb / 2P
   20W Single Output Industrial DIN Rail Power Supply
MDR-20-12 MEANWELL-MDR-20-12 Datasheet
236Kb / 2P
   20W Single Output Industrial DIN Rail Power Supply
MDR-20-12 MEANWELL-MDR-20-12 Datasheet
240Kb / 2P
   20W Single Output Industrial DIN Rail Power Supply
MDR-20-15 MEANWELL-MDR-20-15 Datasheet
236Kb / 2P
   20W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - MDR-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-20 MEANWELL-MDR-20 Datasheet
236Kb / 2P
   20W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S20 ALTECH-PS-S20 Datasheet
591Kb / 2P
   20W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-20 MEANWELL-MDR-20_11 Datasheet
240Kb / 2P
   20W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PSS20 ALTECH-PSS20 Datasheet
124Kb / 1P
   20W Single Output Industrial DIN Rail Power Supply PS-S20 Series
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com