Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT153T Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT153T
Description  High-Speed CMOS Dual 4-Input Multiplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT153T Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT153T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT153T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT153T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT153T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT153T Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS2009A 03/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT153T/253T
(25
Ω Series) PI74FCT2153T/2253T
HIGH SPEED CMOS DUAL 4-INPUT MULTIPLEXER
PI74FCT253/2253T Switching Characteristics over Operating Range
253T/2253T
253AT/2253AT
253CT/2253CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
9.0
1.5
6.6
1.5
5.6
ns
tPHL
Sn to O
RL = 500
tPLH
Propagation Delay
1.5
7.0
1.5
5.2
1.5
4.5
ns
tPHL
In to O
tPZH
Output Enable Time
1.5
9.0
1.5
6.0
1.5
5.0
ns
tPZL
E to O
tPHZ
Output Disable Time(3)
1.5
7.0
1.5
6.0
1.5
5.0
ns
tPLZ
E to O
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter guaranteed but not production tested.
PI74FCT153/2153T Switching Characteristics over Operating Range
153T/2153T
153AT/2153AT
153CT/2153CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
9.0
1.5
6.6
1.5
5.6
ns
tPHL
Sn to O
RL = 500
tPLH
Propagation Delay
1.5
7.0
1.5
5.2
1.5
4.5
ns
tPHL
In to O
tPLH
Propagation Delay
1.5
7.0
1.5
5.2
1.5
4.8
ns
tPHL
E to O
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com


Similar Part No. - PI74FCT153T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT151T PERICOM-PI74FCT151T Datasheet
51Kb / 5P
   Fast CMOS 8-Input Multiplexer
PI74FCT157AT PERICOM-PI74FCT157AT Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
PI74FCT157CT PERICOM-PI74FCT157CT Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
PI74FCT157DT PERICOM-PI74FCT157DT Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
PI74FCT157T PERICOM-PI74FCT157T Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
More results

Similar Description - PI74FCT153T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT253AT IDT-IDTQS74FCT253AT Datasheet
69Kb / 6P
   HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER
IDTQS74FCT153AT IDT-IDTQS74FCT153AT Datasheet
68Kb / 6P
   HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER
logo
Texas Instruments
CD74HC253M TI1-CD74HC253M Datasheet
397Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253M TI-CD74HC253M Datasheet
388Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253 TI-CD74HC253 Datasheet
58Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC153 TI-CD74HC153 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
logo
IK Semicon Co., Ltd
IN74AC153 IKSEMICON-IN74AC153 Datasheet
229Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC153 KODENSHI-KK74AC153 Datasheet
322Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT153 IKSEMICON-IN74ACT153 Datasheet
228Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC153 INTEGRAL-IN74AC153 Datasheet
196Kb / 5P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com