Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24HSS1041M-2HF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 24HSS1041M-2HF
Description  1000 BASE ?밫 MAGNETICS MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

24HSS1041M-2HF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  24HSS1041M-2HF Datasheet HTML 1Page - Bothhand USA, LP. 24HSS1041M-2HF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 BASE –T MAGNETICS MODULES
P/N: 24HSS1041M-2 HF DATA SHEET
BOTHHAND USA
Page :1/2
A04(13/02)
Feature
l
Complying with IEEE 802.3af standard for 1000 BASE-T
, full duplex applications.
l
Supports 4 pairs of category 5 UTP cable.
l
Cable interface for isolation and low common mode
emissions.
l
Complying with ROHS & Halogen Free requirements.
l
Operating temperature range: -40℃ to +85℃.
l
Storage temperature range: -40℃ to +85℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
30MHz
60MHz
100MHz
HI-POT
(Vrms)
24HSS1041M-2 HF 1CT:1CT 1CT:1CT
350
-45
-40
-35
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)@Load 100Ω
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz 100MHz
30MHz
60MHz
100MHz
24HSS1041M-2 HF
-1.0
-18
-14.4
-13.1
-12
-10
-43
-37
-33
Schematic
www.bothhandusa.com


Similar Part No. - 24HSS1041M-2HF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
24HSS1041-2-LF BOTHHAND-24HSS1041-2-LF Datasheet
86Kb / 1P
   1000 BASE-T MAGNETICS MODULES
24HSS1041-2HF BOTHHAND-24HSS1041-2HF Datasheet
744Kb / 4P
   1000 BASE-T MAGNETICS MODULES
24HSS1041A-2 BOTHHAND-24HSS1041A-2 Datasheet
93Kb / 2P
   1000 BASE-T MAGNETICS MODULES
24HSS1041A-2-LF BOTHHAND-24HSS1041A-2-LF Datasheet
88Kb / 1P
   1000 BASE-T MAGNETICS MODULES
24HSS1041D-2HF BOTHHAND-24HSS1041D-2HF Datasheet
103Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
More results

Similar Description - 24HSS1041M-2HF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VP6014DM BOTHHAND-VP6014DM Datasheet
267Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
24SH10410HF BOTHHAND-24SH10410HF Datasheet
616Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GST5006LF BOTHHAND-GST5006LF Datasheet
171Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
24HSS1041RZ-2HF BOTHHAND-24HSS1041RZ-2HF Datasheet
270Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
24SH10416HF BOTHHAND-24SH10416HF Datasheet
241Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
G1PM109NLF BOTHHAND-G1PM109NLF Datasheet
622Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GST5009MLF BOTHHAND-GST5009MLF_17 Datasheet
103Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GST5009BLF BOTHHAND-GST5009BLF Datasheet
101Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GSL5009-1LF BOTHHAND-GSL5009-1LF Datasheet
103Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GST5009AT BOTHHAND-GST5009AT Datasheet
105Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com