Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN3050H-12GY-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN3050H-12GY-TR
Description  30 A - 1200 V automotive grade SCR Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN3050H-12GY-TR Datasheet(HTML) 2 Page - STMicroelectronics

  TN3050H-12GY-TR Datasheet HTML 1Page - STMicroelectronics TN3050H-12GY-TR Datasheet HTML 2Page - STMicroelectronics TN3050H-12GY-TR Datasheet HTML 3Page - STMicroelectronics TN3050H-12GY-TR Datasheet HTML 4Page - STMicroelectronics TN3050H-12GY-TR Datasheet HTML 5Page - STMicroelectronics TN3050H-12GY-TR Datasheet HTML 6Page - STMicroelectronics TN3050H-12GY-TR Datasheet HTML 7Page - STMicroelectronics TN3050H-12GY-TR Datasheet HTML 8Page - STMicroelectronics TN3050H-12GY-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
TN3050H-12GY-TR
2/10
DocID029684 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180 ° conduction angle)
TC = 126 °C
30
A
IT(AV)
Average on-state current (180 ° conduction
angle)
19
A
ITSM(1)
Non repetitive surge peak
on-state current
tp = 8.3 ms
Tj initial = 25 °C
330
A
tp = 10 ms
300
VDRM /
VRRM
Repetitive off-state voltage (50-60 Hz)
Tj = 150 °C
1200
V
dl/dt
Critical rate of rise of on-state
current
IG = 2 x IGT
, tr ≤ 100 ns
f = 50 Hz
Tj = 150 °C
200
A/µs
IGM
Peak forward gate current
tp = 20 µs
Tj = 150 °C
8
A
PG(AV)
Average gate power dissipation
Tj = 150 °C
1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature
-40 to +150
°C
Notes:
(1)ST recommend I²t value for fusing = 450 A²s for Tj = 25 °C and tP = 10 ms
Table 3: Electrical characteristics (Tj = 25 °C unless otherwise specified)
Symbol
Test Conditions
Value
Unit
IGT
VD = 12 V, RL
= 33 Ω
Min.
10
mA
Max.
50
VGT
VD = 12 V, RL
= 33 Ω
Max.
1.3
V
VGD
VD = 2/3 x VDRM, RL
= 3.3 kΩ
Tj = 150 °C
Min.
0.2
V
IH
IT = 500 mA, gate open
Max.
100
mA
IL
IG = 1.2 x IGT
Max.
125
mA
tgt
IT = 60 A , VD = 2/3 x VDRM, IG = 100 mA, dIG/dt = 0.2 A/µs
Typ.
1
µs
dV/dt
VD = 2/3 x VDRM, gate open
Tj = 150 °C
Min.
1000
V/µs
tq
IT = 20 A, dIT/dt = 10 A/µs, VR = 75 V,
VD = 2/3 x VDRM, dVD/dt = 20 V/µs, tP = 100 µs
Tj = 150 °C
Typ.
150
µs
VTM
ITM = 60 A, tP = 380 µs
Max.
1.65
V
VTO
Threshold voltage
Tj = 150 °C
Max.
0.88
V
RD
Dynamic resistance
Tj = 150 °C
Max.
14
IDRM/IRRM
VD = VDRM, VR = VRRM
Tj = 25 °C
Max.
5
µA
Tj = 125 °C
Max.
3
mA
Tj = 150 °C
Max.
5
mA
IDSM/IRSM
VD = VDSM, VR = VRSM
Tj = 25 °C
Max.
10
µA


Similar Part No. - TN3050H-12GY-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
More results

Similar Description - TN3050H-12GY-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN4050HP-12WY STMICROELECTRONICS-TN4050HP-12WY Datasheet
214Kb / 10P
   40 A 1200 V automotive grade thyristor (SCR)
Rev 3 - December 2021
TN4050HP-12G2YTR STMICROELECTRONICS-TN4050HP-12G2YTR Datasheet
368Kb / 11P
   40 A 1200 V automotive grade thyristor (SCR)
Rev 2 - December 2021
TN6050HP-12WY STMICROELECTRONICS-TN6050HP-12WY Datasheet
212Kb / 10P
   60 A 1200 V automotive grade thyristor (SCR)
September 2021 Rev 3
TN5050H-12WY STMICROELECTRONICS-TN5050H-12WY Datasheet
394Kb / 9P
   50 A 1200 V automotive grade SCR
January 2015 Rev 1
TN4050HP-12GY-TR STMICROELECTRONICS-TN4050HP-12GY-TR Datasheet
229Kb / 10P
   40 A 1200 V automotive grade thyristor (SCR) in D²PAK
Rev 1 - December 2021
BTW69-1200N STMICROELECTRONICS-BTW69-1200N Datasheet
151Kb / 9P
   50 A ??1200 V non insulated SCR thyristor
June 2013 Rev 1
TN6050-12PI STMICROELECTRONICS-TN6050-12PI Datasheet
203Kb / 11P
   60 A, 1200 V standard SCR
DS12874 - Rev 1 - December 2018
TN4050-12PI STMICROELECTRONICS-TN4050-12PI Datasheet
203Kb / 11P
   40 A, 1200 V standard SCR
DS12925 - Rev 1 - February 2019
logo
WeEn Semiconductors
BT153B-1200T-A WEEN-BT153B-1200T-A Datasheet
462Kb / 11P
   Automotive Grade SCR
BT155W-1200T-A WEEN-BT155W-1200T-A Datasheet
486Kb / 11P
   Automotive Grade SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com