Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU6N90K5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STU6N90K5
Description  Zener-protected
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU6N90K5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STU6N90K5 Datasheet HTML 4Page - STMicroelectronics STU6N90K5 Datasheet HTML 5Page - STMicroelectronics STU6N90K5 Datasheet HTML 6Page - STMicroelectronics STU6N90K5 Datasheet HTML 7Page - STMicroelectronics STU6N90K5 Datasheet HTML 8Page - STMicroelectronics STU6N90K5 Datasheet HTML 9Page - STMicroelectronics STU6N90K5 Datasheet HTML 10Page - STMicroelectronics STU6N90K5 Datasheet HTML 11Page - STMicroelectronics STU6N90K5 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STU6N90K5
Revision history
DocID029950 Rev 1
11/12
5
Revision history
Table 11: Document revision history
Date
Revision
Changes
02-Nov-2016
1
First release.


Similar Part No. - STU6N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU6N95K5 STMICROELECTRONICS-STU6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
More results

Similar Description - STU6N90K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
   Zener-protected
January 2016 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com