Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0461146161 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0461146161
Description  1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 16 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0461146161 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0461146161 Datasheet HTML 1Page - Molex Electronics Ltd. 0461146161 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
30.0A
Grounding to PCB
No
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-46114-001-001
Packaging Specification
PK-46114-003
Product Specification
PS-46114-001-001
Sales Drawing
SD-46114-600
This document was generated on 02/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0461146161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0461146160 MOLEX1-0461146160 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 16 Signal Contacts, Select Gold (Au) Plating, with BMI Guides
More results

Similar Description - 0461146161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0461146361 MOLEX1-0461146361 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 36 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461146121 MOLEX1-0461146121 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 12 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461146201 MOLEX1-0461146201 Datasheet
70Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 20 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461146241 MOLEX1-0461146241 Datasheet
70Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 24 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461146401 MOLEX1-0461146401 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 40 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461146281 MOLEX1-0461146281 Datasheet
70Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 28 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461146321 MOLEX1-0461146321 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 32 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461146160 MOLEX1-0461146160 Datasheet
71Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 6 Power Contacts, 16 Signal Contacts, Select Gold (Au) Plating, with BMI Guides
0461144321 MOLEX1-0461144321 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 4 Power Contacts, 32 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
0461144201 MOLEX1-0461144201 Datasheet
69Kb / 2P
   1.27mm, 12.00mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 4 Power Contacts, 20 Signal Contacts, Select Gold (Au) Plating, without BMI Guides
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com