Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT202 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT202
Description  PHOTODIODE WITH ON-CHIP AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 6 page
background image
®
OPT202
6
DISTRIBUTION OF RESPONSIVITY
Responsivity (A/W)
0.43
60
50
40
30
20
10
0
0.44
0.45
0.46
0.47
0.48
Distribution Totals
100%
λ = 650nm
Laboratory Test
Data
NOISE EFFECTIVE POWER
vs MEASUREMENT BANDWIDTH
Frequency (Hz)
1
10
1k
10k
100k
100
10–7
10–8
10–9
10–10
10–11
10–12
10–13
10–14
1M
Dotted lines indicate
noise measured beyond
the signal bandwidth.
λ = 650nm
R
F = 100kΩ
R
F = 1MΩ
R
F = 10MΩ
R
F = 100MΩ
OUTPUT NOISE VOLTAGE
vs MEASUREMENT BANDWIDTH
Frequency (Hz)
1
10
1k
10k
100k
100
10–2
10–3
10–4
10–5
10–6
10–7
1M
Dotted lines indicate
noise measured beyond
the signal bandwidth.
R
F = 100kΩ
R
F = 1MΩ
R
F = 100MΩ
R
F = 10MΩ
QUIESCENT CURRENT vs TEMPERATURE
Temperature (°C)
–75
0.6
0.5
0.4
0.3
0.2
0.1
0
–50
–25
0
25
50
75
100
125
V
S = ±15V
V
S = ±2.25V
Dice
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, λ = 650nm, unless otherwise noted.
LARGE-SIGNAL RESPONSE
10
µs/div
SMALL-SIGNAL RESPONSE
10
µs/div




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT209PHOTODIODE WITH ON-CHIP AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX3507Upstream CATV Amplifier with On-Chip Anti-Alias Filter 1 2 3 4 5 MoreMaxim Integrated Products
C9118Driver circuit for photodiode array with amplifier 1 2 3 4 5 Hamamatsu Corporation
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
UPC8001IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl