Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1218FK-1397R6L Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RC1218FK-1397R6L
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC1218FK-1397R6L Datasheet(HTML) 2 Page - YAGEO Corporation

  RC1218FK-1397R6L Datasheet HTML 1Page - YAGEO Corporation RC1218FK-1397R6L Datasheet HTML 2Page - YAGEO Corporation RC1218FK-1397R6L Datasheet HTML 3Page - YAGEO Corporation RC1218FK-1397R6L Datasheet HTML 4Page - YAGEO Corporation RC1218FK-1397R6L Datasheet HTML 5Page - YAGEO Corporation RC1218FK-1397R6L Datasheet HTML 6Page - YAGEO Corporation RC1218FK-1397R6L Datasheet HTML 7Page - YAGEO Corporation RC1218FK-1397R6L Datasheet HTML 8Page - YAGEO Corporation RC1218FK-1397R6L Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb. 17, 2017 V.5
Product specification
2
10
SERIES
RC_L
0075 to 2512
SCOPE
This specification describes RC
series chip resistors with lead
free terminations made by thick
film process.
APPLICATIONS
All general purpose application
FEATURES
Halogen Free Epoxy
RoHS compliant
Products with lead free
terminations meet RoHS
requirements
Pb-glass contained in
electrodes, resistors element
and glass are exempted by
RoHS
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Saving of PCB space
None forbidden-materials used in
products/production
GLOBAL PART NUMBER
RC XXXX X X X XX XXXX L
(1)
(2) (3) (4) (5)
(6)
(7)
(1) SIZE
0075/0100/0201/0402/0603/0805/1206/1210/1218/2010/2512
(2) TOLERANCE
B = ± 0.1%
D = ± 0.5%
F = ± 1.0%
J = ± 5.0% (for jumper ordering, use code of J)
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed taping reel
S = ESD safe reel (0075/0100 only)
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
-= Based on spec.
(5) TAPING REEL
07= 7 inch dia. Reel
13=13 inch dia. Reel
7W = 7 inch dia. Reel & 2 x standard power
7N = 7 inch dia. Reel, ESD safe reel (0075/0100 only)
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistance value.
Letter R/K/M is decimal point
Example:
97R6 = 97.6Ω
9K76 = 9760Ω
1M = 1,000,000Ω
(7) DEFAULT CODE
Letter L is the system default code for ordering only.(Note)
ORDERING INFORMATION - GLOBAL PART NUMBER
Global part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
ORDERING EXAMPLE
The ordering code for a RC0402 0.0625W chip resistor value 100KΩwith
±5% tolerance, supplied in 7-inch tape reel of 10,000 units per reel is:
RC0402JR-07100KL.
NOTE
1. All our RSMD products meet RoHS compliant and Halogen Free. "LFP" of the internal 2D
reel label mentions "Lead Free Process".
2. On customized label, "LFP" or specific symbol can be printed.


Similar Part No. - RC1218FK-1397R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC1218FK-1397R6P YAGEO-RC1218FK-1397R6P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC1218FK-1397R6L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com