Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0201FK-7N1MP Datasheet(PDF) 7 Page - YAGEO Corporation

Part # RC0201FK-7N1MP
Description  LEAD FREE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201FK-7N1MP Datasheet(HTML) 7 Page - YAGEO Corporation

  RC0201FK-7N1MP Datasheet HTML 1Page - YAGEO Corporation RC0201FK-7N1MP Datasheet HTML 2Page - YAGEO Corporation RC0201FK-7N1MP Datasheet HTML 3Page - YAGEO Corporation RC0201FK-7N1MP Datasheet HTML 4Page - YAGEO Corporation RC0201FK-7N1MP Datasheet HTML 5Page - YAGEO Corporation RC0201FK-7N1MP Datasheet HTML 6Page - YAGEO Corporation RC0201FK-7N1MP Datasheet HTML 7Page - YAGEO Corporation RC0201FK-7N1MP Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Aug. 22, 2014 V.0
Product specification
7
8
SERIES
RC_P
0100 to 2512
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
IPC/JEDECJ-STD-002B test B
IEC 60068-2-58
Electrical Test not required Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245± 3 °C
Dipping time: 3± 0.5 seconds
W ell tinned
(>95% covered)
No visible damage
-Leaching
IPC/JEDECJ-STD-002B test D
IEC 60068-2-58
Leadfree solder ,260°C, 30 seconds immersion
time
No visible damage
-Resistance to
Soldering Heat
MIL-STD-202F Method 210F
IEC 60068-2-58
Condition B, no pre-heat of samples
Leadfree solder, 260 °C ± 5℃, 10 ± 1 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
± (0.5%+0.05Ω ) for D/F tol
± (1%+0.05Ω ) for J tol
<50mR for jumper
No visible damage


Similar Part No. - RC0201FK-7N1MP

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0201FK-7N1ML YAGEO-RC0201FK-7N1ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0201FK-7N1MP

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
   General purpose chip resistors RoHS exemption free lead free
logo
Vishay Siliconix
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com