Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R475N21000002K Datasheet(PDF) 11 Page - Kemet Corporation

Part # R475N21000002K
Description  R47 Series, Class X2, 520 VAC (Automotive Grade)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R475N21000002K Datasheet(HTML) 11 Page - Kemet Corporation

Back Button R475N21000002K Datasheet HTML 6Page - Kemet Corporation R475N21000002K Datasheet HTML 7Page - Kemet Corporation R475N21000002K Datasheet HTML 8Page - Kemet Corporation R475N21000002K Datasheet HTML 9Page - Kemet Corporation R475N21000002K Datasheet HTML 10Page - Kemet Corporation R475N21000002K Datasheet HTML 11Page - Kemet Corporation R475N21000002K Datasheet HTML 12Page - Kemet Corporation R475N21000002K Datasheet HTML 13Page - Kemet Corporation R475N21000002K Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3008_R47_X2_520 • 6/9/2016 11
Metallized Polypropylene Film EMI Suppression Capacitors
R47 Series, Class X2, 520 VAC, 85ºC (Automotive Grade)
Lead Taping & Packaging (IEC 60286–2)
Taping Specification
Description
Symbol
Dimensions (mm)
Lead Space
Tol.
10
15
22.5
27.5
Fig. 1
Fig. 2
Fig. 3
Fig. 3
Lead wire diameter
d
0.6
0.6-0.8
0.8
0.8
±0.05
Taping lead space
P
25.4
25.4
38.1
38.1
±1
Feedholeleadspace*
P
0
12.7
12.7
12.7
12.7
±0.2**
Centering of the lead wire
P
1
7.7
5.2
7.8
5.3
±0.7
Centering of the body
P
2
12.7
12.7
19.05
19.05
±1.3
Leadspacing(pitch)***
F
10
15
22.5
27.5
+0.6/-0.1
Component alignment
∆h
0
0
0
0
±2
Height of component
from tape center
H0****
18.5
18.5
18.5
18.5
±0.5
Carrier tape width
W
18
18
18
18
+1/-0.5
Hold down tape width
W
0
9
10
10
10
Minimum
Hole position
W
1
9
9
9
9
±0.5
Hold down tape position
W
2
3
3
3
3
Maximum
Feed hole diameter
D
0
4
4
4
4
±0.2
Tape thickness
t
0.7
0.7
0.7
0.7
±0.2
* Also available in 15 mm.
** Max 1 mm on 20 lead spaces.
*** Pitches 15 mm and 10 mm taped to 7.5 mm (crimped leads) available upon request.
**** H0 = 16.5 mm available upon request.
P
P2
P0
F
h
P1
D0
h
ød
t
P
P2
P1
Figure 1
Lead Spacing 10 mm
Figure 2
Lead Spacing 15 mm
Figure 3
Lead Spacing 22.5 – 27.5 mm


Similar Part No. - R475N21000002K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R475N21000002K KEMET-R475N21000002K Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - R475N21000002K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R533I347000P0M KEMET-R533I347000P0M Datasheet
1Mb / 17P
   R53 (Miniature), THB Grade IIIB, Class X2, 310 VAC, 110째C (Automotive Grade)
R53BI31000000MC-SPEC KEMET-R53BI31000000MC-SPEC Datasheet
1Mb / 20P
   R53B, THB Grade IIIB, Class X2, 350 VAC, 125°C (Automotive Grade)
1/11/2022
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R46KI347000P0M KEMET-R46KI347000P0M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com