Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKH4116A Datasheet(PDF) 9 Page - International Rectifier

Part # IRKH4116A
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKH4116A Datasheet(HTML) 9 Page - International Rectifier

Back Button IRKH4116A Datasheet HTML 2Page - International Rectifier IRKH4116A Datasheet HTML 3Page - International Rectifier IRKH4116A Datasheet HTML 4Page - International Rectifier IRKH4116A Datasheet HTML 5Page - International Rectifier IRKH4116A Datasheet HTML 6Page - International Rectifier IRKH4116A Datasheet HTML 7Page - International Rectifier IRKH4116A Datasheet HTML 8Page - International Rectifier IRKH4116A Datasheet HTML 9Page - International Rectifier IRKH4116A Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRK.41, .56 Series
9
Bulletin I27131 rev. G 10/02
www.irf.com
Fig. 19 - On-state Voltage Drop Characteristics
Fig. 20 - On-state Voltage Drop Characteristics
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
IRK.56.. Series
Per Junction
1
10
100
1000
0
1
23
45
6
7
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
IRK.41.. Series
Per Junction
Fig. 23 - Thermal Impedance Z
thJC
Characteristics
Fig. 22 - Recovery Current Characteristics
Fig. 21 - Recovery Charge Characteristics
30
40
50
60
70
80
90
100
110
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
100 A
50 A
I
= 200 A
TM
20 A
10 A
IRK.41.. Series
IRK.56.. Series
T = 125 °C
J
100
150
200
250
300
350
400
450
500
10 20 30 40 50 60 70 80 90 100
100 A
50 A
Rate Of Fall Of On-state Current - di/dt (A/µs)
I
= 200 A
TM
20 A
10 A
IRK.41.. Series
IRK.56.. Series
T = 125 °C
J
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Per Junction
Steady State Value:
R
= 0.46 K/W
R
= 0.40 K/W
(DC Operation)
IRK.41.. Series
IRK.56.. Series
thJC
thJC


Similar Part No. - IRKH4116A

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
IRKH40 IRI-IRKH40 Datasheet
1Mb / 5P
   POWER MODULE
IRKH40/12 IRI-IRKH40/12 Datasheet
1Mb / 5P
   POWER MODULE
IRKH40/16 IRI-IRKH40/16 Datasheet
1Mb / 5P
   POWER MODULE
IRKH40/20 IRI-IRKH40/20 Datasheet
1Mb / 5P
   POWER MODULE
IRKH40/22 IRI-IRKH40/22 Datasheet
1Mb / 5P
   POWER MODULE
More results

Similar Description - IRKH4116A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com