Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1210FK-131MP Datasheet(PDF) 1 Page - YAGEO Corporation

Part # RC1210FK-131MP
Description  LEAD FREE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC1210FK-131MP Datasheet(HTML) 1 Page - YAGEO Corporation

  RC1210FK-131MP Datasheet HTML 1Page - YAGEO Corporation RC1210FK-131MP Datasheet HTML 2Page - YAGEO Corporation RC1210FK-131MP Datasheet HTML 3Page - YAGEO Corporation RC1210FK-131MP Datasheet HTML 4Page - YAGEO Corporation RC1210FK-131MP Datasheet HTML 5Page - YAGEO Corporation RC1210FK-131MP Datasheet HTML 6Page - YAGEO Corporation RC1210FK-131MP Datasheet HTML 7Page - YAGEO Corporation RC1210FK-131MP Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
LEAD FREE CHIP RESISTORS
RC_P series
±0.
5%, ±1%, ±5%
Sizes 0100/0201/0402/0603/0805/
1206/1210/1218/2010/2512


Similar Part No. - RC1210FK-131MP

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC1210FK-131ML YAGEO-RC1210FK-131ML Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC1210FK-131MP

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
   General purpose chip resistors RoHS exemption free lead free
logo
Vishay Siliconix
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com