Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRS05C460xyE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VDRS05C460xyE
Description  VDR Metal Oxide Varistors Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS05C460xyE Datasheet(HTML) 1 Page - Vishay Siliconix

  VDRS05C460xyE Datasheet HTML 1Page - Vishay Siliconix VDRS05C460xyE Datasheet HTML 2Page - Vishay Siliconix VDRS05C460xyE Datasheet HTML 3Page - Vishay Siliconix VDRS05C460xyE Datasheet HTML 4Page - Vishay Siliconix VDRS05C460xyE Datasheet HTML 5Page - Vishay Siliconix VDRS05C460xyE Datasheet HTML 6Page - Vishay Siliconix VDRS05C460xyE Datasheet HTML 7Page - Vishay Siliconix VDRS05C460xyE Datasheet HTML 8Page - Vishay Siliconix VDRS05C460xyE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
1
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VDR Metal Oxide Varistors Standard
ORDERING INFORMATION
The varistors are available in a number of packaging
options:
•Bulk
• On tape and reel
• On tape in ammopack
The basic ordering code for each option is given in tables
titled Varistors on Tape on Reel, Varistors on Tape in
Ammopack and Varistors in Bulk. To complete the catalog
number
and
to
determine
the
required
operating
parameters, see Electrical Data and Ordering Information
table.
Note
• Special lead-configuration as inside or outside crimped leads on
request.
FEATURES
•Low
 high purity zinc oxide disc
• Halogen free insulating epoxy coating
• Zinc oxide disc, HF epoxy coated
• Straight leads and kinked leads
• Straight
leads
with
flange
(VDRS05
and
VDRS07 only)
• Certified according to UL 1449 edition 3,
VDE/IEC 61051-1/2 and CSA
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATION
• Overvoltage and transient voltage protection
DESCRIPTION
The varistors consist of a disc of low-
 ZnO ceramic material
with two solid copper leads (S20 types only) or copper clad
steel wire. The wires have a matte tin plating. They are
coated with a layer of ocher colored halogen-free epoxy,
which
provides
electrical,
mechanical
and
climatic
protection. The encapsulation is resistant to all cleaning
solvents in accordance with IEC 60068-2-45.
MOUNTING
The varistors are suitable for processing on automatic
insertion and cutting and bending equipment.
Varistors with flanged leads provide better positioning on
printed-circuit boards (PCB) and more accurate control over
component height. This is important for hand mounting and
automatic insertion techniques; see outlines of flanged
leads drawing.
Typical soldering
235 °C, duration: 5 s (Pb-bearing)
245 °C, duration: 5 s (lead (Pb)-free)
Resistance to soldering heat
260 °C, duration: 10 s max.
MARKING
The varistors are marked with the following information:
• Maximum continuous RMS voltage
• Series number (592, 593, 594, 595 or 596)
• Safety marks on VDRS10-14-20 types
• Manufacturers logo
• Date of manufacture (YYWW)
INFLAMMABILITY
The varistors are passive non-flammable.
The encapsulation is made of flammable resistant epoxy in
accordance with UL 94 V-0.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage in
operating temperature range:
RMS
14 to 680
V
DC
18 to 895
V
Maximum non-repetitive transient
current INRP (8 x 20 μs)
100 to 6500
A
Maximum energy
(10/1000 μs)
0.5 to 496
J
Detailed specification
Based on
IEC 61051-1
IEC 61051-2
IEC 61051-2-2
Storage temperature
-40 to +125
°C
Operating temperature
-40 to +85
°C


Similar Part No. - VDRS05C460xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS05C460XYE VISHAY-VDRS05C460XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
More results

Similar Description - VDRS05C460xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com