Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAST4051QS Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAST4051QS
Description  Analog Multiplexer/ Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST4051QS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAST4051QS Datasheet HTML 4Page - ON Semiconductor NLAST4051QS Datasheet HTML 5Page - ON Semiconductor NLAST4051QS Datasheet HTML 6Page - ON Semiconductor NLAST4051QS Datasheet HTML 7Page - ON Semiconductor NLAST4051QS Datasheet HTML 8Page - ON Semiconductor NLAST4051QS Datasheet HTML 9Page - ON Semiconductor NLAST4051QS Datasheet HTML 10Page - ON Semiconductor NLAST4051QS Datasheet HTML 11Page - ON Semiconductor NLAST4051QS Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NLAST4051
http://onsemi.com
8
Figure 9. Typical On Resistance
VCC = 3.3 V, VEE = –3.3 V
Figure 10. Bandwidth
–10
FREQUENCY (mHz)
0
0.1
10
1.0
100
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
1000
100
10000
0
0.1
0.01
FREQUENCY (mHz)
10000
4.5
3.0
$3.3
5.5
Figure 11. Phase Shift
0.1
10
1.0
100
FREQUENCY (mHz)
90
PHASE SHIFT
72
18
–18
–54
–90
Figure 12. Off Isolation
Figure 13. Total Harmonic Distortion
54
36
0
–36
–72
125
°C
85
°C
25
°C
–55
°C
0
5
10
15
20
–4
–2
0
2
4
VCom (V)
25
–10
0.1
10
1.0
100
FREQUENCY (mHz)
0
BANDWIDTH (ON–RESPONSE)
–20
–30
–40
–50
50
40
30
20
10


Similar Part No. - NLAST4051QS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST4051QSR ONSEMI-NLAST4051QSR Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
More results

Similar Description - NLAST4051QS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com