Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP511SN30T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP511SN30T1
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511SN30T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP511SN30T1 Datasheet HTML 1Page - ON Semiconductor NCP511SN30T1 Datasheet HTML 2Page - ON Semiconductor NCP511SN30T1 Datasheet HTML 3Page - ON Semiconductor NCP511SN30T1 Datasheet HTML 4Page - ON Semiconductor NCP511SN30T1 Datasheet HTML 5Page - ON Semiconductor NCP511SN30T1 Datasheet HTML 6Page - ON Semiconductor NCP511SN30T1 Datasheet HTML 7Page - ON Semiconductor NCP511SN30T1 Datasheet HTML 8Page - ON Semiconductor NCP511SN30T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP511
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless
otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25°C, Iout = 1.0 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
5.0 V
Vout
1.455
1.746
2.425
2.646
2.744
2.94
3.234
4.900
1.5
1.8
2.5
2.7
2.8
3.0
3.3
5.0
1.545
1.854
2.575
2.754
2.856
3.06
3.366
5.100
V
Output Voltage (TA = −40°C to 85°C, Iout = 1.0 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
5.0 V
Vout
1.455
1.746
2.425
2.619
2.716
2.910
3.201
4.900
1.5
1.8
2.5
2.7
2.8
3.0
3.3
5.0
1.545
1.854
2.575
2.781
2.884
3.09
3.399
5.100
V
Line Regulation (Iout = 10 mA)
1.5 V−4.4 V (Vin = Vout(nom.) + 1.0 V to 6.0 V)
4.5 V−5.0 V (Vin = 5.5 V to 6.0 V)
Regline
1.0
1.0
3.5
3.5
mV/V
Load Regulation (Iout = 1.0 mA to 150 mA)
Regload
0.3
0.8
mV/mA
Output Current (Vout = (Vout at Iout = 150 mA) −3%)
1.5 V−1.8 V (Vin = 4.0 V)
1.9 V−3.0 V (Vin = 5.0 V)
3.1 V−5.0 V (Vin = 6.0 V)
Iout(nom.)
150
150
150
mA
Dropout Voltage (Iout = 100 mA, Measured at Vout −3.0%)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
5.0 V
Vin−Vout
245
160
110
100
100
100
90
75
350
200
200
200
200
200
200
200
mV
Quiescent Current
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IQ
0.1
40
1.0
100
mA
Output Voltage Temperature Coefficient
TC
"100
ppm/
°C
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
1.3
0.3
V
Output Short Circuit Current (Vout = 0 V)
1.5 V−1.8 V (Vin = 4.0 V)
1.9 V−3.0 V (Vin = 5.0 V)
3.1 V−5.0 V (Vin = 6.0 V)
Iout(max)
200
200
200
400
400
400
800
800
800
mA
Ripple Rejection (f = 1.0 kHz, Io = 60 mA)
RR
50
dB
Output Noise Voltage (f = 20 Hz to 100 kHz, Iout = 60 mA)
Vn
110
mVrms
3. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) *TA
R
qJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP511SN30T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511SN30T1 ONSEMI-NCP511SN30T1 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP511SN30T1G ONSEMI-NCP511SN30T1G Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP511SN30T1G ONSEMI-NCP511SN30T1G Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
More results

Similar Description - NCP511SN30T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com