Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH20X230ByE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VDRH20X230ByE
Description  VDR Metal Oxide Varistors High Surge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH20X230ByE Datasheet(HTML) 4 Page - Vishay Siliconix

  VDRH20X230ByE Datasheet HTML 1Page - Vishay Siliconix VDRH20X230ByE Datasheet HTML 2Page - Vishay Siliconix VDRH20X230ByE Datasheet HTML 3Page - Vishay Siliconix VDRH20X230ByE Datasheet HTML 4Page - Vishay Siliconix VDRH20X230ByE Datasheet HTML 5Page - Vishay Siliconix VDRH20X230ByE Datasheet HTML 6Page - Vishay Siliconix VDRH20X230ByE Datasheet HTML 7Page - Vishay Siliconix VDRH20X230ByE Datasheet HTML 8Page - Vishay Siliconix VDRH20X230ByE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
VDRH Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
4
Document Number: 29082
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
210
275
330
575
5.0
13.0
800
75
4.4
1.6 ± 0.8
4
VDRH05E210xyE
550
10.0
28.0
1750
190
4.4
1.6 ± 0.8
4
VDRH07K210xyE
550
25.0
58.0
3500
350
4.8
1.8 ± 0.8
4
VDRH10S210xyE
550
50.0
115.0
6000
610
4.8
1.8 ± 0.8
2
VDRH14V210xyE
550 100.0
228.0
10 000
1250
5.3
2.0 ± 0.8
2
VDRH20X210ByE
230
300
360
620
5.0
16.0
800
70
4.6
1.7 ± 0.8
4
VDRH05E230xyE
595
10.0
32.0
1750
170
4.6
1.7 ± 0.8
4
VDRH07K230xyE
595
25.0
65.0
3500
320
5.1
1.9 ± 0.8
4
VDRH10S230xyE
595
50.0
130.0
6000
540
5.1
1.9 ± 0.8
2
VDRH14V230xyE
595 100.0
255.0
10 000
1100
5.4
2.2 ± 0.8
2
VDRH20X230ByE
250
320
390
675
5.0
17.0
800
60
4.8
1.9 ± 0.8
4
VDRH05E250xyE
650
10.0
35.0
1750
160
4.8
1.9 ± 0.8
4
VDRH07K250xyE
650
25.0
70.0
3500
300
5.1
2.1 ± 0.8
4
VDRH10S250xyE
650
50.0
140.0
6000
480
5.1
2.1 ± 0.8
2
VDRH14V250xyE
650 100.0
275.0
10 000
960
5.5
2.3 ± 0.8
2
VDRH20X250ByE
275
350
430
745
5.0
20.0
800
55
4.9
2.0 ± 0.8
4
VDRH05E275xyE
710
10.0
40.0
1750
140
4.9
2.0 ± 0.8
4
VDRH07K275xyE
710
25.0
80.0
3500
270
5.3
2.2 ± 0.8
4
VDRH10S275xyE
710
50.0
155.0
6000
440
5.3
2.2 ± 0.8
5
VDRH14V275xyE
710 100.0
303.0
10 000
900
5.8
2.5 ± 0.8
5
VDRH20X275ByE
300
385
470
810
5.0
21.0
800
50
5.1
2.2 ± 0.8
4
VDRH05E300xyE
775
10.0
42.0
1750
130
5.1
2.2 ± 0.8
4
VDRH07K300xyE
775
25.0
85.0
3500
240
5.5
2.4 ± 0.8
4
VDRH10S300xyE
775
50.0
175.0
6000
400
5.5
2.4 ± 0.8
5
VDRH14V300xyE
775 100.0
350.0
10 000
810
5.9
2.7 ± 0.8
5
VDRH20X300ByE
320
420
510
880
5.0
22.0
800
45
5.5
2.4 ± 0.8
4
VDRH05E320xyE
842
10.0
45.0
1750
120
5.5
2.4 ± 0.8
4
VDRH07K320xyE
842
25.0
92.0
3500
220
6.0
2.6 ± 0.8
4
VDRH10S320xyE
842
50.0
190.0
6000
370
6.0
2.6 ± 0.8
5
VDRH14V320xyE
842 100.0
382.0
10 000
750
6.3
2.9 ± 0.8
5
VDRH20X320ByE
350
460
560
940
5.0
25.0
800
42
5.8
2.7 ± 0.8
4
VDRH05E350xyE
920
10.0
51.0
1750
110
5.8
2.7 ± 0.8
4
VDRH07K350xyE
920
25.0
102.0
3500
200
6.1
2.9 ± 0.8
4
VDRH10S350xyE
920
50.0
205.0
6000
320
6.1
2.9 ± 0.8
2
VDRH14V350xyE
920 100.0
410.0
10 000
650
6.5
3.2 ± 0.8
2
VDRH20X350ByE
385
505
620
1050
5.0
27.0
800
40
6.0
3.0 ± 0.8
4
VDRH05E385xyE
1025 10.0
54.0
1750
95
6.0
3.0 ± 0.8
4
VDRH07K385xyE
1025 25.0
107.0
3500
180
6.5
3.2 ± 0.8
3
VDRH10S385xyE
1025 50.0
215.0
6000
280
6.5
3.2 ± 0.8
2
VDRH14V385xyE
1025 100.0
420.0
10 000
570
6.8
3.5 ± 0.8
2
VDRH20X385ByE
420
560
680
1150
5.0
28.0
800
35
6.3
3.2 ± 0.8
4
VDRH05E420xyE
1120 10.0
56.0
1750
85
6.3
3.2 ± 0.8
4
VDRH07K420xyE
1120 25.0
112.0
3500
165
6.7
3.4 ± 0.8
3
VDRH10S420xyE
1120 50.0
225.0
6000
250
6.7
3.4 ± 0.8
2
VDRH14V420xyE
1120 100.0
430.0
10 000
510
7.1
3.7 ± 0.8
2
VDRH20X420ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 μs)
TYPICAL
CAPACITANCE
at 1 kHz
T
(max.)
E
UL 1449
ED3
SPD
TYPE (7)
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
SAP (6)


Similar Part No. - VDRH20X230ByE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH20X230BYE VISHAY-VDRH20X230BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH20X230ByE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com