Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH10S175xyE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VDRH10S175xyE
Description  VDR Metal Oxide Varistors High Surge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH10S175xyE Datasheet(HTML) 3 Page - Vishay Siliconix

  VDRH10S175xyE Datasheet HTML 1Page - Vishay Siliconix VDRH10S175xyE Datasheet HTML 2Page - Vishay Siliconix VDRH10S175xyE Datasheet HTML 3Page - Vishay Siliconix VDRH10S175xyE Datasheet HTML 4Page - Vishay Siliconix VDRH10S175xyE Datasheet HTML 5Page - Vishay Siliconix VDRH10S175xyE Datasheet HTML 6Page - Vishay Siliconix VDRH10S175xyE Datasheet HTML 7Page - Vishay Siliconix VDRH10S175xyE Datasheet HTML 8Page - Vishay Siliconix VDRH10S175xyE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
VDRH Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
3
Document Number: 29082
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
60
85
100
175
5.0
4.5
800
290
3.7
0.7 ± 0.3
4
VDRH05E060xyE
165
10.0
9.0
1750
700
3.7
0.7 ± 0.3
4
VDRH07K060xyE
165
25.0
18.0
3500
1200
4.1
0.9 ± 0.3
4
VDRH10S060xyE
165
50.0
36.0
6000
2300
4.1
0.9 ± 0.3
2
VDRH14V060xyE
165 100.0
72.0
10 000
4600
4.5
1.1 ± 0.3
2
VDRH20X060ByE
75
100
120
210
5.0
5.5
800
240
4.0
0.9 ± 0.3
4
VDRH05E075xyE
200
10.0
11.0
1750
530
4.0
0.9 ± 0.3
4
VDRH07K075xyE
200
25.0
22.0
3500
1000
4.4
1.1 ± 0.3
4
VDRH10S075xyE
200
50.0
44.0
6000
1900
4.4
1.1 ± 0.3
2
VDRH14V075xyE
200 100.0
88.0
10 000
3800
4.8
1.3 ± 0.3
2
VDRH20X075ByE
95
125
150
260
5.0
6.5
800
180
4.2
1.1 ± 0.3
4
VDRH05E095xyE
250
10.0
13.0
1750
450
4.2
1.1 ± 0.3
4
VDRH07K095xyE
250
25.0
25.0
3500
800
4.6
1.3 ± 0.3
4
VDRH10S095xyE
250
50.0
53.0
6000
1500
4.6
1.3 ± 0.3
2
VDRH14V095xyE
250 100.0
106.0
10 000
3000
5.0
1.5 ± 0.3
2
VDRH20X095ByE
115
150
180
320
5.0
8.0
800
150
3.6
0.9 ± 0.3
4
VDRH05E115xyE
300
10.0
16.0
1750
390
3.6
0.9 ± 0.3
4
VDRH07K115xyE
300
25.0
32.0
3500
680
4.0
1.1 ± 0.3
3
VDRH10S115xyE
300
50.0
65.0
6000
1320
4.0
1.1 ± 0.3
2
VDRH14V115xyE
300 100.0
130.0
10 000
2640
4.4
1.3 ± 0.3
2
VDRH20X115ByE
130
170
205
355
5.0
8.5
800
130
3.8
1.0 ± 0.3
4
VDRH05E130xyE
340
10.0
17.5
1750
320
3.8
1.0 ± 0.3
4
VDRH07K130xyE
340
25.0
35.0
3500
580
4.3
1.2 ± 0.3
3
VDRH10S130xyE
340
50.0
70.0
6000
1050
4.3
1.2 ± 0.3
2
VDRH14V130xyE
340 100.0
140.0
10 000
2100
4.8
1.4 ± 0.3
2
VDRH20X130ByE
140
180
220
380
5.0
9.0
800
120
3.9
1.0 ± 0.3
4
VDRH05E140xyE
360
10.0
19.0
1750
290
3.9
1.0 ± 0.3
4
VDRH07K140xyE
360
25.0
39.0
3500
540
4.3
1.2 ± 0.3
3
VDRH10S140xyE
360
50.0
78.0
6000
950
4.3
1.2 ± 0.3
2
VDRH14V140xyE
360 100.0
155.0
10 000
1900
4.8
1.5 ± 0.3
2
VDRH20X140ByE
150
200
240
415
5.0
10.5
800
110
4.1
1.1 ± 0.3
4
VDRH05E150xyE
395
10.0
21.0
1750
270
4.1
1.1 ± 0.3
4
VDRH07K150xyE
395
25.0
42.0
3500
490
4.3
1.3 ± 0.3
3
VDRH10S150xyE
395
50.0
84.0
6000
850
4.3
1.3 ± 0.3
2
VDRH14V150xyE
395 100.0
168.0
10 000
1700
4.8
1.5 ± 0.3
2
VDRH20X150ByE
175
225
275
475
5.0
11.0
800
90
4.1
1.3 ± 0.3
4
VDRH05E175xyE
455
10.0
24.0
1750
230
4.1
1.3 ± 0.3
4
VDRH07K175xyE
455
25.0
49.0
3500
430
4.5
1.5 ± 0.3
3
VDRH10S175xyE
455
50.0
99.0
6000
750
4.5
1.5 ± 0.3
2
VDRH14V175xyE
455 100.0
190.0
10 000
1500
4.9
1.7 ± 0.3
2
VDRH20X175ByE
195
250
300
525
5.0
12.0
800
80
4.3
1.4 ± 0.8
4
VDRH05E195xyE
505
10.0
26.0
1750
210
4.3
1.4 ± 0.8
4
VDRH07K195xyE
505
25.0
52.0
3500
380
4.8
1.6 ± 0.8
4
VDRH10S195xyE
505
50.0
105.0
6000
690
4.8
1.6 ± 0.8
2
VDRH14V195xyE
505 100.0
210.0
10 000
1350
5.1
1.9 ± 0.8
2
VDRH20X195ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 μs)
TYPICAL
CAPACITANCE
at 1 kHz
T
(max.)
E
UL 1449
ED3
SPD
TYPE (7)
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
SAP (6)


Similar Part No. - VDRH10S175xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH10S175XYE VISHAY-VDRH10S175XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH10S175xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com