Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH20X140ByE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VDRH20X140ByE
Description  VDR Metal Oxide Varistors High Surge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH20X140ByE Datasheet(HTML) 1 Page - Vishay Siliconix

  VDRH20X140ByE Datasheet HTML 1Page - Vishay Siliconix VDRH20X140ByE Datasheet HTML 2Page - Vishay Siliconix VDRH20X140ByE Datasheet HTML 3Page - Vishay Siliconix VDRH20X140ByE Datasheet HTML 4Page - Vishay Siliconix VDRH20X140ByE Datasheet HTML 5Page - Vishay Siliconix VDRH20X140ByE Datasheet HTML 6Page - Vishay Siliconix VDRH20X140ByE Datasheet HTML 7Page - Vishay Siliconix VDRH20X140ByE Datasheet HTML 8Page - Vishay Siliconix VDRH20X140ByE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
VDRH Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
1
Document Number: 29082
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VDR Metal Oxide Varistors High Surge
ORDERING INFORMATION
The varistors are available in a number of packaging
options:
•Bulk
• On tape on reel
• On tape in ammopack
The basic ordering code for each option is given in tables
titled Varistors on Tape on Reel, Varistors on Tape in
Ammopack, and Varistors in Bulk. To complete the catalog
number
and
to
determine
the
required
operating
parameters, see Electrical Data and Ordering Information
table.
Note
• Special lead-configuration as inside or outside crimped leads on
request.
FEATURES
•Low
 high purity zinc oxide disc
• Halogen free insulating epoxy coating
• Straight or kinked leads
• Higher current surge/size ratio capability up to
10 kA for H20 types
• Certified according to UL 1449 edition 3,
VDE/IEC 61051-1/2 and CSA
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATION
• Overvoltage and transient voltage protection
DESCRIPTION
The varistors consist of a disc of low-ß ceramic material with
two solid copper leads (H20 types only) or copper clad steel
wire. The wires have a matte tin plating. They are coated
with a layer of ocher colored halogen- free epoxy, which
provides electrical, mechanical and climatic protection. The
encapsulation is resistant to all cleaning solvents in
accordance with IEC 60068-2-45.
MOUNTING
The varistors are suitable for processing on automatic
insertion, cutting and bending equipment.
Typical Soldering
235 °C, duration: 5 s (Pb-bearing)
245 °C, duration: 5 s (lead (Pb)-free)
Resistance to Soldering Heat
260 °C; duration: 10 s max.
MARKING
The varistors are marked with the following information:
• Maximum continuous RMS voltage with - E suffix
• Series number (582, 583, 584, 585 or 586)
• Manufacture logo
• Date of manufacture (YYWW)
• Safety marks on VDRH10-14-20 types
INFLAMMABILITY
The varistors are passive non-flammable. The encapsulation
is made of flame resistant epoxy in accordance with
UL 94 V-0.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage in
operating temperature range:
RMS
11 to 680
V
DC
14 to 895
V
Maximum non-repetitive transient
current INRP (8 x 20 μs)
250 to 10 000
A
Maximum energy
(10/1000 μs)
0.7 to 620
J
Detailed specification
Based on
IEC 61051-1
IEC 61051-2
IEC 61051-2-2
Storage temperature
-40 to +150
°C
Operating temperature
-40 to +125
°C


Similar Part No. - VDRH20X140ByE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH20X140BYE VISHAY-VDRH20X140BYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH20X140ByE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com