Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRH10S095xyE Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VDRH10S095xyE
Description  VDR Metal Oxide Varistors High Surge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH10S095xyE Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VDRH10S095xyE Datasheet HTML 2Page - Vishay Siliconix VDRH10S095xyE Datasheet HTML 3Page - Vishay Siliconix VDRH10S095xyE Datasheet HTML 4Page - Vishay Siliconix VDRH10S095xyE Datasheet HTML 5Page - Vishay Siliconix VDRH10S095xyE Datasheet HTML 6Page - Vishay Siliconix VDRH10S095xyE Datasheet HTML 7Page - Vishay Siliconix VDRH10S095xyE Datasheet HTML 8Page - Vishay Siliconix VDRH10S095xyE Datasheet HTML 9Page - Vishay Siliconix VDRH10S095xyE Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
VDRH Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
6
Document Number: 29082
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
DERATING CURVE
PEAK CURRENT AS A FUNCTION OF PULSE
WIDTH
Note
(1) Tmax. and E values per size and voltage level can be found back in the Electrical Data table
ELECTRICAL DATA
PARAMETER
VALUE
UNIT
Maximum continuous voltage:
RMS
11 to 680
V
DC
14 to 895
V
Maximum non-repetitive transient current (INRP) (8 x 20 μs)
VDRH05
250 or 800
A
VDRH07
500 or 1750
A
VDRH10
1000 or 3500
A
VDRH14
2000 or 6000
A
VDRH20
3000 or 10 000
A
Thermal resistance:
VDRH05
 80
K/W
VDRH07
 70
K/W
VDRH10
 60
K/W
VDRH14
 50
K/W
VDRH20
 40
K/W
Maximum dissipation:
VDRH05
100
mW
VDRH07
250
mW
VDRH10
400
mW
VDRH14
600
mW
VDRH20
1000
mW
Temperature coefficient of voltage at 1 mA maximum
± 0.05
%/K
Voltage proof between interconnected leads and case
2500
V
Storage temperature
-40 to +150
°C
Operating temperature
-40 to +125
°C
100 %
0
- 40
125
T
amb (°C)
Maximum Voltage
Maximum Dissipation
Maximum Energy
Maximum Transient Current
150
t (µs)
t
2
t
1
I
p
(%)
100
0
10
50
90
t
2 (µs)
20
50
100
1000
K
1
1.2
1.3
1.4
COMPONENT DIMENSIONS (BULK TYPE) in millimeters AND CATALOG NUMBERS
D MAX.
A MAX.
A0 MAX.
L MIN.
T (1)
MAX.
E (1)
dF
CATALOG
NUMBER
V
 320 V V > 320 V V  300 V V > 300 V V  320 V V > 320 V
7.0
9.0
11.0
24.0
6.5
0.7 to 3.6
0.6 ± 0.05
5 ± 1.0
VDRH05
9.0
11.0
13.0
24.0
6.5
0.7 to 3.6
0.6 ± 0.05
5 ± 1.0
VDRH07
12.0
12.5
14.5
15.0
16.5
17.0
17.0
8.0
0.9 to 4.5
0.8 ± 0.05
7.5 ± 1.0
VDRH10
16.0
16.5
19.0
21.0
21.5
16.0
8.0
0.9 to 4.5
0.8 ± 0.05
7.5 ± 1.0
VDRH14
22.5
23.0
25.5
27.5
28.0
24.0
10.0
1.1 to 5.8
1.0 ± 0.05
10 ± 1.0
VDRH20


Similar Part No. - VDRH10S095xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH10S095XYE VISHAY-VDRH10S095XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH10S095xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com