Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRS10P095xyE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VDRS10P095xyE
Description  VDR Metal Oxide Varistors Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS10P095xyE Datasheet(HTML) 3 Page - Vishay Siliconix

  VDRS10P095xyE Datasheet HTML 1Page - Vishay Siliconix VDRS10P095xyE Datasheet HTML 2Page - Vishay Siliconix VDRS10P095xyE Datasheet HTML 3Page - Vishay Siliconix VDRS10P095xyE Datasheet HTML 4Page - Vishay Siliconix VDRS10P095xyE Datasheet HTML 5Page - Vishay Siliconix VDRS10P095xyE Datasheet HTML 6Page - Vishay Siliconix VDRS10P095xyE Datasheet HTML 7Page - Vishay Siliconix VDRS10P095xyE Datasheet HTML 8Page - Vishay Siliconix VDRS10P095xyE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
3
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
130
170
205
345
5.0
5.5
400
130
4.2
1.0 ± 0.3
4
VDRS05C130xyE
340
10.0
17.0
1200
320
4.2
1.0 ± 0.3
4
VDRS07H130xyE
340
25.0
30.0
2500
580
4.6
1.2 ± 0.3
4
VDRS10P130xyE
340
50.0
56.0
4500
1050
4.6
1.2 ± 0.3
3
VDRS14T130xyE
340
100.0
114.0
6500
2100
5.3
1.4 ± 0.3
2
VDRS20W130ByE
140
180
220
380
5.0
6.3
400
120
4.4
1.0 ± 0.3
4
VDRS05C140xyE
360
10.0
21.0
1200
290
4.4
1.0 ± 0.3
4
VDRS07H140xyE
360
25.0
33.0
2500
540
4.8
1.2 ± 0.3
4
VDRS10P140xyE
360
50.0
57.0
4500
950
4.8
1.2 ± 0.3
3
VDRS14T140xyE
360
100.0
124.0
6500
1900
5.4
1.5 ± 0.3
2
VDRS20W140ByE
150
200
240
400
5.0
7.1
400
110
4.4
1.1 ± 0.3
4
VDRS05C150xyE
395
10.0
20.0
1200
270
4.4
1.1 ± 0.3
4
VDRS07H150xyE
395
25.0
36.0
2500
490
4.8
1.3 ± 0.3
4
VDRS10P150xyE
395
50.0
59.0
4500
850
4.8
1.3 ± 0.3
3
VDRS14T150xyE
395
100.0
134.0
6500
1700
5.5
1.6 ± 0.3
2
VDRS20W150ByE
175
225
275
455
5.0
7.3
400
90
4.6
1.3 ± 0.3
4
VDRS05C175xyE
455
10.0
23.0
1200
230
4.6
1.3 ± 0.3
4
VDRS07H175xyE
455
25.0
41.0
2500
430
5.0
1.5 ± 0.3
4
VDRS10P175xyE
455
50.0
67.0
4500
750
5.0
1.5 ± 0.3
3
VDRS14T175xyE
455
100.0
158.0
6500
1500
5.7
1.7 ± 0.3
2
VDRS20W175ByE
230
300
360
600
5.0
10.0
400
70
4.9
1.7 ± 0.8
4
VDRS05C230xyE
595
10.0
30.0
1200
170
4.9
1.7 ± 0.8
4
VDRS07H230xyE
595
25.0
54.0
2500
320
5.4
1.9 ± 0.8
4
VDRS10P230xyE
595
50.0
88.0
4500
540
5.4
1.9 ± 0.8
3
VDRS14T230xyE
595
100.0
208.0
6500
1100
6.2
2.2 ± 0.8
2
VDRS20W230ByE
250
320
390
650
5.0
11.0
400
60
4.9
1.9 ± 0.8
4
VDRS05C250xyE
650
10.0
33.0
1200
160
4.9
1.9 ± 0.8
4
VDRS07H250xyE
650
25.0
58.0
2500
300
5.4
2.1 ± 0.8
4
VDRS10P250xyE
650
50.0
96.0
4500
480
5.4
2.1 ± 0.8
3
VDRS14T250xyE
650
100.0
240.0
6500
960
6.4
2.3 ± 0.8
2
VDRS20W250ByE
275
350
430
710
5.0
12.0
400
55
4.9
2.0 ± 0.8
4
VDRS05C275xyE
710
10.0
36.0
1200
140
4.9
2.0 ± 0.8
4
VDRS07H275xyE
710
25.0
63.0
2500
270
5.4
2.2 ± 0.8
4
VDRS10P275xyE
710
50.0
104.0
4500
440
5.4
2.2 ± 0.8
3
VDRS14T275xyE
710
100.0
264.0
6500
900
6.6
2.5 ± 0.8
2
VDRS20W275ByE
300
385
470
800
5.0
13.0
400
50
5.3
2.2 ± 0.8
4
VDRS05C300xyE
775
10.0
40.0
1200
130
5.3
2.2 ± 0.8
4
VDRS07H300xyE
775
25.0
71.0
2500
240
5.9
2.4 ± 0.8
4
VDRS10P300xyE
775
50.0
117.0
4500
400
5.9
2.4 ± 0.8
3
VDRS14T300xyE
775
100.0
280.0
6500
810
6.9
2.7 ± 0.8
2
VDRS20W300ByE
320
420
510
850
5.0
15.0
400
45
5.5
2.4 ± 0.8
4
VDRS05C320xyE
842
10.0
44.0
1200
120
5.5
2.4 ± 0.8
4
VDRS07H320xyE
842
25.0
77.0
2500
220
6.2
2.6 ± 0.8
4
VDRS10P320xyE
842
50.0
120.0
4500
370
6.2
2.6 ± 0.8
3
VDRS14T320xyE
842
100.0
296.0
6500
750
7.1
2.9 ± 0.8
2
VDRS20W320ByE
350
460
560
940
5.0
19.5
400
42
5.8
2.7 ± 0.8
4
VDRS05C350xyE
920
10.0
39.0
1200
110
5.8
2.7 ± 0.8
4
VDRS07H350xyE
920
25.0
78.0
2500
200
6.6
2.9 ± 0.8
4
VDRS10P350xyE
920
50.0
156.0
4500
325
6.6
2.9 ± 0.8
3
VDRS14T350xyE
920
100.0
312.0
6500
660
7.4
3.2 ± 0.8
2
VDRS20W350ByE
385
505
620
1025
5.0
18.0
400
40
6.0
3.0 ± 0.8
4
VDRS05C385xyE
1025
10.0
51.0
1200
95
6.0
3.0 ± 0.8
4
VDRS07H385xyE
1025
25.0
67.0
2500
180
6.6
3.2 ± 0.8
4
VDRS10P385xyE
1025
50.0
110.0
4500
280
6.6
3.2 ± 0.8
3
VDRS14T385xyE
1025
100.0
328.0
6500
570
7.7
3.5 ± 0.8
2
VDRS20W385ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP
(8 x 20 μs)
TYPICAL
CAP.
at 1 kHz
T
(max.)
E
UL 1449
ED3
SPD
TYPE (7)
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
SAP (6)


Similar Part No. - VDRS10P095xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS10P095XYE VISHAY-VDRS10P095XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
More results

Similar Description - VDRS10P095xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com