Electronic Components Datasheet Search |
|
AM3356BZCZA30 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
AM3356BZCZA30 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 253 page 8 AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351 SPRS717J – OCTOBER 2011 – REVISED APRIL 2016 www.ti.com Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351 Device Comparison Copyright © 2011–2016, Texas Instruments Incorporated 3 Device Comparison Table 3-1 shows the features supported across different AM335x devices. Table 3-1. Device Features Comparison FUNCTION AM3351 AM3352 AM3354 AM3356 AM3357 AM3358 AM3359 ARM Cortex-A8 Yes Yes Yes Yes Yes Yes Yes Frequency(1) 300 MHz 600 MHz 300 MHz 600 MHz 800 MHz 1000 MHz 600 MHz 800 MHz 1000 MHz 300 MHz 600 MHz 800 MHz 300 MHz 600 MHz 800 MHz 600 MHz 800 MHz 1000 MHz 600 MHz 800 MHz MIPS(2) 600 1200 600 1200 1600 2000 1200 1600 2000 600 1200 1600 600 1200 1600 1200 1600 2000 1200 1600 On-chip L1 cache 64KB 64KB 64KB 64KB 64KB 64KB 64KB On-chip L2 cache 256KB 256KB 256KB 256KB 256KB 256KB 256KB Graphics accelerator (SGX530) — — 3D — — 3D 3D Hardware acceleration Crypto accelerator Crypto accelerator Crypto accelerator Crypto accelerator Crypto accelerator Crypto accelerator Crypto accelerator Programmable real-time unit subsystem and industrial communication subsystem (PRU-ICSS) — — — Features including basic Industrial protocols; ZCE: Limited PRU I/Os pinned out Features including all Industrial protocols Features including basic Industrial protocols Features including all Industrial protocols On-chip memory 128KB 128KB 128KB 128KB 128KB 128KB 128KB Display options LCD LCD LCD LCD LCD LCD LCD General-purpose memory 1 16-bit (GPMC, NAND flash, NOR flash, SRAM) 1 16-bit (GPMC, NAND flash, NOR flash, SRAM) 1 16-bit (GPMC, NAND flash, NOR flash, SRAM) 1 16-bit (GPMC, NAND flash, NOR flash, SRAM) 1 16-bit (GPMC, NAND flash, NOR flash, SRAM) 1 16-bit (GPMC, NAND flash, NOR flash, SRAM) 1 16-bit (GPMC, NAND flash, NOR flash, SRAM) DRAM(3) 1 16-bit (LPDDR-400, DDR2-532, DDR3-800) 1 16-bit (LPDDR-400, DDR2-532, DDR3-800) 1 16-bit (LPDDR-400, DDR2-532, DDR3-800) 1 16-bit (LPDDR-400, DDR2-532, DDR3-800) 1 16-bit (LPDDR-400, DDR2-532, DDR3-800) 1 16-bit (LPDDR-400, DDR2-532, DDR3-800) 1 16-bit (LPDDR-400, DDR2-532, DDR3-800) Universal serial bus (USB) ZCE: 1 port ZCE: 1 port ZCZ: 2 ports ZCE: 1 port ZCZ: 2 ports ZCE: 1 port ZCZ: 2 ports No ZCE Available ZCZ: 2 ports No ZCE Available ZCZ: 2 ports No ZCE Available ZCZ: 2 ports Ethernet media access controller (EMAC) with 2- port switch 10/100/1000 ZCE: 1 port 10/100/1000 ZCE: 1 port ZCZ: 2 ports 10/100/1000 ZCE: 1 port ZCZ: 2 ports 10/100/1000 ZCE: 1 port ZCZ: 2 ports 10/100/1000 No ZCE Available ZCZ: 2 ports 10/100/1000 No ZCE Available ZCZ: 2 ports 10/100/1000 No ZCE Available ZCZ: 2 ports Multimedia card (MMC) 3 3 3 3 3 3 3 Controller-area network (CAN) — 2 2 2 2 2 2 Universal asynchronous receiver and transmitter (UART) 6 6 6 6 6 6 6 Analog-to-digital converter (ADC) 8-ch 12-bit 8-ch 12-bit 8-ch 12-bit 8-ch 12-bit 8-ch 12-bit 8-ch 12-bit 8-ch 12-bit Enhanced high-resolution PWM modules (eHRPWM) 3 3 3 3 3 3 3 Enhanced capture modules (eCAP) 3 3 3 3 3 3 3 Enhanced quadrature encoder pulse (eQEP) 3 3 3 3 3 3 3 Real-time clock (RTC) 1 1 1 1 1 1 1 Inter-integrated circuit (I2C) 3 3 3 3 3 3 3 |
Similar Part No. - AM3356BZCZA30 |
|
Similar Description - AM3356BZCZA30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |