Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1729SN35T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1729SN35T1
Description  Switched Capacitor Voltage Inverter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1729SN35T1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1729SN35T1 Datasheet HTML 4Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 5Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 6Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 7Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 8Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 9Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 10Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 11Page - ON Semiconductor NCP1729SN35T1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NCP1729
http://onsemi.com
8
Figure 20. Cascaded Devices for Increased Negative Output Voltage
+
6
4
2
3
1
OSC
Capacitors = 3.3
mF
+
Vin
5
+
6
4
2
3
1
OSC
+
5
−Vout
+
Two or more devices can be cascaded for increased output voltage. Under light load conditions, the output voltage is
approximately equal to −Vin times the number of stages. The converter output resistance increases dramatically with each
additional stage. This is due to a reduction of input voltage to each successive stage as the converter output is loaded. Note that
the ground connection for each successive stage must connect to the negative output of the previous stage. The performance
characteristics for a converter consisting of two cascaded devices are shown below.
Figure 21. Cascade Load Regulation, Output
Voltage vs. Output Current
−2.0
−4.0
−1.0
−5.0
−3.0
−10.0
Iout, OUTPUT CURRENT (mA)
020
40
−6.0
−7.0
−8.0
−9.0
10
30
A
B
TA = 25°C
A
5.0
145
B
3.0
180
Curve
Vin (V)
Rout (W)


Similar Part No. - NCP1729SN35T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1729SN35T1 ONSEMI-NCP1729SN35T1 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results

Similar Description - NCP1729SN35T1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com