Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRS05C060xyE Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VDRS05C060xyE
Description  VDR Metal Oxide Varistors Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS05C060xyE Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VDRS05C060xyE Datasheet HTML 3Page - Vishay Siliconix VDRS05C060xyE Datasheet HTML 4Page - Vishay Siliconix VDRS05C060xyE Datasheet HTML 5Page - Vishay Siliconix VDRS05C060xyE Datasheet HTML 6Page - Vishay Siliconix VDRS05C060xyE Datasheet HTML 7Page - Vishay Siliconix VDRS05C060xyE Datasheet HTML 8Page - Vishay Siliconix VDRS05C060xyE Datasheet HTML 9Page - Vishay Siliconix VDRS05C060xyE Datasheet HTML 10Page - Vishay Siliconix VDRS05C060xyE Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
7
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Except for 35 V and 40 V = 1000 pieces
DIMENSIONS OF AMMOPACK IN MILLIMETERS
VARISTORS ON TAPE IN AMMOPACK
TYPE
VDRS05...
Ø 5 mm
14 V to 460 V
VDRS07...
Ø 7 mm
14 V to 460 V
VDRS10...
Ø 10 mm
14 V to 550 V
VDRS14...
Ø 14 mm
14 V to 550 V
Straight leads
H = 18 mm
-
-
ASE
ASE
H = 20 mm
ASE
ASE
-
-
See drawing: taped version with straight leads
Straight leads with flange
H0 = 16 mm
AGE
AGE
-
-
H0 = 18.25 mm
AHE
AHE
-
-
See drawing: taped version with flanged leads
Kinked leads
H0 = 18.25 mm
AME
AME
AME
AME
H0 = 16 mm
ALE
ALE
ALE
ALE
See drawing: taped version with kinked leads
Packaging quantities
14 V to 210 V
1500 (1)
1500 (1)
500
500
230 V to 510 V
1000
1000
500
500
550 V
-
-
400
400
340 max.
52 or 55 max.
250
max.


Similar Part No. - VDRS05C060xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS05C060XYE VISHAY-VDRS05C060XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
More results

Similar Description - VDRS05C060xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com