Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP3530ECBB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  Applications Processors
Download  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 3 Page - Texas Instruments

  OMAP3530ECBB Datasheet HTML 1Page - Texas Instruments OMAP3530ECBB Datasheet HTML 2Page - Texas Instruments OMAP3530ECBB Datasheet HTML 3Page - Texas Instruments OMAP3530ECBB Datasheet HTML 4Page - Texas Instruments OMAP3530ECBB Datasheet HTML 5Page - Texas Instruments OMAP3530ECBB Datasheet HTML 6Page - Texas Instruments OMAP3530ECBB Datasheet HTML 7Page - Texas Instruments OMAP3530ECBB Datasheet HTML 8Page - Texas Instruments OMAP3530ECBB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
• 65-nm CMOS Technologies
.65-mm Ball Pitch (Top), .5-mm Ball Pitch
(Bottom)
• Package-On-Package (POP) Implementation for
Memory Stacking (Not Available in CUS
– 423-pin s-PBGA Package (CUS Suffix),
Package)
.65-mm Ball Pitch
• Discrete Memory Interface (Not Available in
• 1.8-V I/O and 3.0-V (MMC1 Only),
CBC Package)
0.985-V to 1.35-V Adaptive Processor Core
Voltage
• Packages:
0.985-V to 1.35-V Adaptive Core Logic Voltage
– 515-pin s-PBGA Package (CBB Suffix),
Note: These are default Operating Performance
.5-mm Ball Pitch (Top), .4-mm Ball Pitch
Point (OPP) voltages and could be optimized to
(Bottom)
lower values using SmartReflex AVS.
– 515-pin s-PBGA Package (CBC Suffix),
1.2
Applications
Portable Navigation Devices
Portable Media Player
Digital Video Camera
Portable Data Collection
Point-of-Sale Devices
Gaming
Web Tablet
Smart White Goods
Smart Home Controllers
Copyright © 2008–2013, Texas Instruments Incorporated
OMAP3530 and OMAP3525 Applications Processors
3
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525


Similar Part No. - OMAP3530ECBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3530ECBB TI1-OMAP3530ECBB Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAP3530ECBB TI1-OMAP3530ECBB Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
OMAP3530ECBB72 TI1-OMAP3530ECBB72 Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAP3530ECBB72 TI1-OMAP3530ECBB72 Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
OMAP3530ECBBA TI1-OMAP3530ECBBA Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
More results

Similar Description - OMAP3530ECBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3515 TI1-OMAP3515_17 Datasheet
2Mb / 263P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
[Old version datasheet]   Applications Processors
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_08 Datasheet
1Mb / 122P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_09 Datasheet
2Mb / 118P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31 Datasheet
1Mb / 170P
   Multimedia Applications Processors
logo
Texas Instruments
OMAP3515DCUS TI1-OMAP3515DCUS Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
DRA726 TI1-DRA726 Datasheet
65Kb / 3P
[Old version datasheet]   Automotive Applications Processors Technical Brief
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
   MX Family of applications processors
logo
Texas Instruments
OMAP3515 TI1-OMAP3515_15 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com