Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

375V Datasheet(PDF) 4 Page - Vicor Corporation

Part # 375V
Description  Parallelable, with NM fault tolerance
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

375V Datasheet(HTML) 4 Page - Vicor Corporation

  375V Datasheet HTML 1Page - Vicor Corporation 375V Datasheet HTML 2Page - Vicor Corporation 375V Datasheet HTML 3Page - Vicor Corporation 375V Datasheet HTML 4Page - Vicor Corporation 375V Datasheet HTML 5Page - Vicor Corporation 375V Datasheet HTML 6Page - Vicor Corporation 375V Datasheet HTML 7Page - Vicor Corporation 375V Datasheet HTML 8Page - Vicor Corporation 375V Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
375V Mini Family
Rev 9.7
vicorpower.com
Page 4 of 14
02/2017
800 927.9474
375V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B2C100BL (enhanced efficiency)
79.0
83.0
%
Nominal input; full load; 25°C
V375B2C100BL (standard efficiency)
73.6
74.6
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
2.7
2.8
2.9
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
5.1
5.3
Watts
No load
Load regulation
±0.02
±0.3
%
No load to full load; nominal input
Load current
0
50
Amps
Current limit
51
57.5
70
Amps
Output voltage 95% of nominal
Short circuit current
35
57.5
70
Amps
Output voltage <250mV
2VOUT, 100W (e.g. S375B2C100BL, V375B2C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B3V3C100BL (enhanced efficiency)
82.0
85.0
%
Nominal input; full load; 25°C
V375B3V3C100BL (standard efficiency)
79.0
80.1
Ripple and noise
108
135
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
3.8
5.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30.3
Amps
Current limit
30.9
34.8
41
Amps
Output voltage 95% of nominal
Short circuit current
17.4
34.8
41
Amps
Output voltage <250mV
3.3VOUT, 100W (e.g. S375B3V3C100BL, V375B3V3C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B3V3C150BL (enhanced efficiency)
82.0
85.0
%
Nominal input; full load; 25°C
V375B3V3C150BL (standard efficiency)
79.0
80.3
Ripple and noise
100
125
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
5.1
7.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
45.45
Amps
Current limit
45.5
53.8
63.7
Amps
Output voltage 95% of nominal
Short circuit current
31.8
54.5
63.7
Amps
Output voltage <250mV
3.3VOUT, 150W (e.g. S375B3V3C150BL, V375B3V3C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S375B5C200BL (enhanced efficiency)
82.0
83.0
%
Nominal input; full load; 25°C
V375B5C200BL (standard efficiency)
Ripple and noise
201
251
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
5.4
8.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
40
Amps
Current limit
40.8
46
52
Amps
Output voltage 95% of nominal
Short circuit current
28
46
52
Amps
Output voltage <250mV
5VOUT, 200W (e.g. S375B5C200BL, V375B5C200BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS


Similar Part No. - 375V

ManufacturerPart #DatasheetDescription
logo
Powerbox
375V POWERBOX-375V Datasheet
211Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R S
More results

Similar Description - 375V

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C24M150BL VICOR-V300C24M150BL Datasheet
817Kb / 13P
   Parallelable, with NM fault tolerance
logo
WALSIN TECHNOLOGY CORPO...
UF15NR05P250CT WALSIN-UF15NR05P250CT Datasheet
2Mb / 8P
   Microwave MLCC with Narrow-Tolerance
logo
Linear Technology
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Analog Devices
LT4356-3 AD-LT4356-3 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
logo
Linear Technology
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
   Surge Stopper with Fault Latchoff
LTC3374 LINER-LTC3374_15 Datasheet
379Kb / 26P
   8-Channel Parallelable 1A Buck DC/DCs
LTC3375 LINER-LTC3375 Datasheet
476Kb / 36P
   8-Channel Programmable, Parallelable 1A Buck DC/DCs
logo
Analog Devices
LTC3644 AD-LTC3644 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Connor-Winfield Corpora...
H55R CONNOR-WINFIELD-H55R Datasheet
62Kb / 1P
   TIGHT TOLERANCE CLOCK WITH ENABLE/DISABLE
H56 CONNOR-WINFIELD-H56 Datasheet
59Kb / 1P
   TIGHT TOLERANCE CLOCK WITH ENABLE/DISABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com