Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300V Datasheet(PDF) 1 Page - Vicor Corporation

Part # 300V
Description  Low noise ZCS/ZVS architecture
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

300V Datasheet(HTML) 1 Page - Vicor Corporation

  300V Datasheet HTML 1Page - Vicor Corporation 300V Datasheet HTML 2Page - Vicor Corporation 300V Datasheet HTML 3Page - Vicor Corporation 300V Datasheet HTML 4Page - Vicor Corporation 300V Datasheet HTML 5Page - Vicor Corporation 300V Datasheet HTML 6Page - Vicor Corporation 300V Datasheet HTML 7Page - Vicor Corporation 300V Datasheet HTML 8Page - Vicor Corporation 300V Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
300V Input
Mini Family
DC-DC Converter Module
300V Mini Family
Rev 9.5
vicorpower.com
Page 1 of 14
03/2017
800 927.9474
Actual size:
2.28 x 2.2 x 0.5in
57,9 x 55,9 x 12,7mm
S
NRTL
CUS
C
US
®
Output Power
V
OUT
P
OUT
2V
100W
3.3V
100W, 150W
5V
150W, 200W
8V
200W
12V
150W, 250W
15V
150W, 250W
24V
150W, 250W
28V
150W, 250W
36V
150W, 250W
48V
150W, 250W
Part Numbering
e.g. V300B12T250BL2
300B
B
Output Voltage
2 = 2V
3V3 = 3.3V
5 = 5V
8 = 8V
12 = 12V
15 = 15V
24 = 24V
28 = 28V
36 = 36V
48 = 48V
Product Grade Temperatures (°C)
Grade
Operating
Storage
E
=
- 10 to +100
- 20 to +125
C
=
- 20 to +100
- 40 to +125
T
=
- 40 to +100
- 40 to +125
H
=
- 40 to +100
- 55 to +125
M
=
- 55 to +100
- 65 to +125
Pin Style
Finish
Blank: Short
Tin/Lead
L: Long
Tin/Lead
S: Short ModuMate
Gold
N: Long ModuMate
Gold
F: Short RoHS
Gold
G: Long RoHS
Gold
K: Extra Long RoHS
Gold
Baseplate
Blank: Slotted
2: Threaded
3: Through-hole
Product Type
V = Standard
S = Enhanced
efficiency
(avail. ≤12
VOUT only)
Features & Benefits
DC input range: 180 – 375V
Isolated ouput
Input surge withstand: 400V for 100ms
DC output: 2 – 48V
Programmable output: 10 to 110%
Regulation: ±0.4% no load to full load
Efficiency: Up to 89%
Maximum operating temp: 100°C,
full load
Power density: up to 100W per cubic inch
Height above board: 0.43in. (10,9mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
RoHS Compliant (with F or G pin option)
Product Overview
These DC-DC converter modules use advanced
power processing, control and packaging
technologies to provide the performance,
flexibility, reliability and cost effectiveness of a
mature power component.
High frequency ZCS/ZVS switching provides
high power density with low noise and
high efficiency.
Parameter
Rating
Unit
Notes
+IN to –IN voltage
-0.5 to +410
VDC
PC to –IN voltage
-0.5 to +7.0
VDC
PR to –IN voltage
-0.5 to +7.0
VDC
SC to -OUT voltage
-0.5 to +1.5
VDC
-Sense to -OUT voltage
1.0
VDC
Isolation voltage
IN to OUT
3000
VRMS
Test voltage
IN to base
1500
VRMS
Test voltage
OUT to base
500
VRMS
Test voltage
Operating Temperature
-55 to +100
°C
M-Grade
Storage Temperature
-65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each
Absolute Maximum Ratings
Applications
Off-line systems with auto-ranging or PFC front ends, industrial and process control,
distributed power, medical, ATE, communications, defense and aerospace.
For details on proper operation please refer to the:
Design Guide & Applications Manual for Maxi, Mini, Micro Family.


Similar Part No. - 300V

ManufacturerPart #DatasheetDescription
logo
Powerbox
300V POWERBOX-300V Datasheet
263Kb / 1P
   5 0 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
More results

Similar Description - 300V

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-4000 AVAGO-ADNS-4000 Datasheet
272Kb / 30P
   Low Power Architecture
logo
Integrated Device Techn...
89HPES32H8G2 IDT-89HPES32H8G2 Datasheet
308Kb / 40P
   Low latency cut-through architecture
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
   Low latency cut-through architecture
logo
Xilinx, Inc
DS105 XILINX-DS105 Datasheet
106Kb / 4P
   Low-power segmented routing architecture
logo
Integrated Device Techn...
89HPES32NT24BG2 IDT-89HPES32NT24BG2 Datasheet
357Kb / 37P
   Low latency cut-through architecture
89HPES64H16G2 IDT-89HPES64H16G2 Datasheet
458Kb / 57P
   Low latency cut-through architecture
89HPES32T8G2 IDT-89HPES32T8G2 Datasheet
301Kb / 39P
   Low latency cut-through architecture
89HPES34H16G2 IDT-89HPES34H16G2 Datasheet
447Kb / 54P
   Low latency cut-through architecture
89HPES32NT8BG2 IDT-89HPES32NT8BG2 Datasheet
342Kb / 35P
   Low latency cut-through architecture
89HPES48H12AG2 IDT-89HPES48H12AG2 Datasheet
455Kb / 59P
   Low latency cut-through architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com