Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300V Datasheet(PDF) 8 Page - Vicor Corporation

Part # 300V
Description  Low noise ZCS/ZVS architecture
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

300V Datasheet(HTML) 8 Page - Vicor Corporation

Back Button 300V Datasheet HTML 4Page - Vicor Corporation 300V Datasheet HTML 5Page - Vicor Corporation 300V Datasheet HTML 6Page - Vicor Corporation 300V Datasheet HTML 7Page - Vicor Corporation 300V Datasheet HTML 8Page - Vicor Corporation 300V Datasheet HTML 9Page - Vicor Corporation 300V Datasheet HTML 10Page - Vicor Corporation 300V Datasheet HTML 11Page - Vicor Corporation 300V Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
300V Mini Family
Rev 9.5
vicorpower.com
Page 8 of 14
03/2017
800 927.9474
300V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.2
87.2
%
Nominalinput;fullload;25°C
Rippleandnoise
72
90
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
40.4
41.9
43.4
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
5.6
6.6
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
4.17
Amps
Currentlimit
4.25
4.8
5.63
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
2.91
4.8
5.63
Amps
Outputvoltage<250mV
36VOUT, 150W (e.g. V300B36C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.5
87.3
%
Nominalinput;fullload;25°C
Rippleandnoise
180
225
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
53.7
55.7
57.7
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
5.4
6.9
Watts
Noload
Loadregulation
±0.02
±0.2
%
Noloadtofullload;nominalinput
Loadcurrent
0
3.13
Amps
Currentlimit
3.19
3.6
4.23
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
2.19
3.6
4.23
Amps
Outputvoltage<250mV
48VOUT, 150W (e.g. V300B48C150BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87.3
89
%
Nominalinput;fullload;25°C
Rippleandnoise
100
125
mV
p-p;Nominalinput;fullload;20MHzbandwidth
OutputOVPsetpoint
53.7
55.7
57.7
Volts
25°C;recycleinputvoltageorPCtorestart(>100msoff)
Dissipation,standby
4.2
11.7
Watts
Noload
Loadregulation
±0.06
±0.4
%
Noloadtofullload;nominalinput
Loadcurrent
0
5.21
Amps
Currentlimit
5.31
5.99
6.78
Amps
Outputvoltage95%ofnominal
Shortcircuitcurrent
3.65
5.99
7
Amps
Outputvoltage<250mV
48VOUT, 250W (e.g. V300B48C250BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)


Similar Part No. - 300V

ManufacturerPart #DatasheetDescription
logo
Powerbox
300V POWERBOX-300V Datasheet
263Kb / 1P
   5 0 - 5 0 0 WAT T S - D C / D C C O N V E R T E R S
More results

Similar Description - 300V

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-4000 AVAGO-ADNS-4000 Datasheet
272Kb / 30P
   Low Power Architecture
logo
Integrated Device Techn...
89HPES32H8G2 IDT-89HPES32H8G2 Datasheet
308Kb / 40P
   Low latency cut-through architecture
89HPES64H16AG2 IDT-89HPES64H16AG2 Datasheet
472Kb / 62P
   Low latency cut-through architecture
logo
Xilinx, Inc
DS105 XILINX-DS105 Datasheet
106Kb / 4P
   Low-power segmented routing architecture
logo
Integrated Device Techn...
89HPES32NT24BG2 IDT-89HPES32NT24BG2 Datasheet
357Kb / 37P
   Low latency cut-through architecture
89HPES64H16G2 IDT-89HPES64H16G2 Datasheet
458Kb / 57P
   Low latency cut-through architecture
89HPES32T8G2 IDT-89HPES32T8G2 Datasheet
301Kb / 39P
   Low latency cut-through architecture
89HPES34H16G2 IDT-89HPES34H16G2 Datasheet
447Kb / 54P
   Low latency cut-through architecture
89HPES32NT8BG2 IDT-89HPES32NT8BG2 Datasheet
342Kb / 35P
   Low latency cut-through architecture
89HPES48H12AG2 IDT-89HPES48H12AG2 Datasheet
455Kb / 59P
   Low latency cut-through architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com