Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65185x Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65185x
Description  PMIC for E Ink Vizplex Enabled Electronic Paper Display
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65185x Datasheet(HTML) 3 Page - Texas Instruments

  TPS65185x Datasheet HTML 1Page - Texas Instruments TPS65185x Datasheet HTML 2Page - Texas Instruments TPS65185x Datasheet HTML 3Page - Texas Instruments TPS65185x Datasheet HTML 4Page - Texas Instruments TPS65185x Datasheet HTML 5Page - Texas Instruments TPS65185x Datasheet HTML 6Page - Texas Instruments TPS65185x Datasheet HTML 7Page - Texas Instruments TPS65185x Datasheet HTML 8Page - Texas Instruments TPS65185x Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
37
VDDH_IN
24
PWR_GOOD
38
N/C
23
PBKG
39
N/C
22
PWRUP
40
VB_SW
21
N/C
41
PGND1
20
N/C
42
VB
19
N/C
43
VPOS_IN
18
SDA
44
VPOS
17
SCL
45
VIN3P3
16
VCOM_PWR
46
V3P3
15
N/C
47
TS
14
VCOM
48
AGND2
13
N/C
Not to scale
Thermal
Pad
3
TPS65185, TPS651851
www.ti.com
SLVSAQ8E – FEBRUARY 2011 – REVISED FEBRUARY 2017
Product Folder Links: TPS65185 TPS651851
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
5 Description (continued)
Accurate back-plane biasing is provided by a linear amplifier that can be adjusted from 0 V to –5.11 V with 9-bit
control through the serial interface; it can source or sink current depending on panel condition. The TPS65185x
supports automatic panel kickback voltage measurement, which eliminates the need for manual VCOM
calibration in the production line. The measurement result can be stored in non-volatile memory to become the
new VCOM power-up default value.
TPS65185 is available in two packages, a 48-pin 7-mm × 7-mm2 VQFN (RGZ) with 0.5-mm pitch, and a 48-pin
6-mm × 6-mm2 VQFN (RSL) with 0.4-mm pitch. The TPS651851 is available in a 48-pin 6-mm × 6-mm2 VQFN
(RSL) with 0.4-mm pitch.
6 Pin Configuration and Functions
RGZ Package and RSL Package
48-Pin VQFN With Exposed Thermal Pad
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND1
8
Analog ground for general analog circuitry.
AGND2
48
Reference point to external thermistor and linearization resistor.
DGND
6
Digital ground. Connect to ground plane.
INT
2
O
Open drain interrupt pin (active low).
INT_LDO
7
O
Filter pin for 2.7-V internal supply.
N/C
11, 13, 20,
38, 39
Not internally connected.
PBKG
22
Die substrate. Connect to the VN pin (–16 V) with a short, wide trace. A wide copper trace improves
heat dissipation.
PGND1
41
Power ground for DCDC1.
PGND2
32
Power ground for CP1 (VDDH) and CP2 (VEE) charge pumps.


Similar Part No. - TPS65185x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65185x TI1-TPS65185x Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
More results

Similar Description - TPS65185x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com