Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65185 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65185
Description  PMIC for E Ink Vizplex Enabled Electronic Paper Display
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65185 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65185_17 Datasheet HTML 4Page - Texas Instruments TPS65185_17 Datasheet HTML 5Page - Texas Instruments TPS65185_17 Datasheet HTML 6Page - Texas Instruments TPS65185_17 Datasheet HTML 7Page - Texas Instruments TPS65185_17 Datasheet HTML 8Page - Texas Instruments TPS65185_17 Datasheet HTML 9Page - Texas Instruments TPS65185_17 Datasheet HTML 10Page - Texas Instruments TPS65185_17 Datasheet HTML 11Page - Texas Instruments TPS65185_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
8
TPS65185, TPS651851
SLVSAQ8E – FEBRUARY 2011 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TPS65185 TPS651851
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LD01 (POS) AND LDO2 (VNEG) TRACKING
VDIFF
Difference between VPOS and VNEG
VSET = ±15 V,
ILOAD = ±20 mA, 0°C to 60°C ambient, 3
V
≤ VIN < 5.9 V
–50
50
mV
VCOM DRIVER
IVCOM
Drive current
15
mA
VCOM
Allowed operating range
Outside this range VCOM is shut down
and VCOMF interrupt is set
–5.5
1
V
Accuracy
VCOM[8:0] = 0x07Dh
(–1.25 V), VIN = 3.4 V to 4.2 V, no load
–0.8%
0.8%
VCOM[8:0] = 0x07Dh
(–1.25 V), VIN = 3 V to 6 V, no load
–1.5%
1.5%
Output voltage range
–5.11
0
V
Resolution
1LSB
10
mV
Max number of EEPROM writes
VCOM calibration
100
RIN
Input impedance, HiZ state
HiZ = 1
150
RDIS
Discharge impedance to ground
VCOM_CTRL = low, Hi-Z = 0
800
1000
1200
Ω
Mismatch to any other RDIS
–2%
2%
CVCOM
Nominal output capacitor
Capacitor tolerance ±10%
3.3
4.7
µF
CP1 (VDDH) CHARGE PUMP
VDDH_IN
Input voltage range
15.2
16
16.8
V
PG
Power good threshold
Fraction of nominal output voltage
90%
Power good time-out
Not tested in production
50
ms
VFB
Feedback voltage
0.998
V
Accuracy
ILOAD = 2 mA
–2%
2%
VDDH_OUT
Output voltage range
VSET = 22 V, ILOAD = 2 mA, R6 = 1MΩ,
R10 = 47.5 kΩ
21
22
23
V
VSET = 25 V, ILOAD = 2 mA, R6 = 1MΩ,
R10 = 41.6 kΩ
24
25
26
VSET = 28 V, ILOAD = 2 mA, R6 = 1MΩ,
R10 = 37 kΩ
27
28
29
ILOAD
Load current range (TPS65185)
10
mA
Load current range (TPS651851)
15
fSW
Switching frequency
560
kHz
RDIS
Discharge impedance to ground
Enabled when rail is disabled
800
1000
1200
Ω
Mismatch to any other RDIS
–2%
2%
CD
Driver capacitor
10
nF
CO
Output capacitor
1
2.2
µF
CP2 (VEE) NEGATIVE CHARGE PUMP
VEE_IN
Input voltage range
15.2
16
16.8
V
PG
Power good threshold
Fraction of nominal output voltage
90%
Power good time-out
Not tested in production
50
ms
VFB
Feedback voltage
–0.994
V
Accuracy
ILOAD = 2 mA
–2%
2%
VEE_OUT
Output voltage range
VSET = –20 V, ILOAD = 3 mA
–21
–20
–19
V
ILOAD
Load current range (TPS65185)
12
mA
Load current range (TPS651851)
15
fSW
Switching frequency
560
kHz
RDIS
Discharge impedance to ground
Enabled when rail is disabled
800
1000
1200
Ω
Mismatch to any other RDIS
–2%
2%


Similar Part No. - TPS65185_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
More results

Similar Description - TPS65185_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com