Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66AK2H14DAAW24 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 66AK2H14DAAW24
Description  Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

66AK2H14DAAW24 Datasheet(HTML) 2 Page - Texas Instruments

  66AK2H14DAAW24 Datasheet HTML 1Page - Texas Instruments 66AK2H14DAAW24 Datasheet HTML 2Page - Texas Instruments 66AK2H14DAAW24 Datasheet HTML 3Page - Texas Instruments 66AK2H14DAAW24 Datasheet HTML 4Page - Texas Instruments 66AK2H14DAAW24 Datasheet HTML 5Page - Texas Instruments 66AK2H14DAAW24 Datasheet HTML 6Page - Texas Instruments 66AK2H14DAAW24 Datasheet HTML 7Page - Texas Instruments 66AK2H14DAAW24 Datasheet HTML 8Page - Texas Instruments 66AK2H14DAAW24 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 355 page
background image
2
66AK2H14/12/06 Features and Description
Copyright 2013 Texas Instruments Incorporated
SPRS866E—November 2013
Multicore DSP+ARM KeyStone II System-on-Chip (SoC)
66AK2H14/12/06
Submit Documentation Feedback
1.2 Applications
Mission Critical
•Computing
Communications
•Audio
Video Infrastructure
•Imaging
•Analytics
•Networking
Media Processing
1.3 KeyStone Architecture
TI’s KeyStone Multicore Architecture provides a high performance structure for integrating RISC and DSP cores
with application-specific coprocessors and I/O. KeyStone is the first of its kind in that it provides adequate internal
bandwidth for nonblocking access to all processing cores, peripherals, coprocessors, and I/O. This is achieved with
four main hardware elements: Multicore Navigator, TeraNet, Multicore Shared Memory Controller, and
HyperLink.
Multicore Navigator is an innovative packet-based manager that controls 16k queues. When tasks are allocated to
the queues, Multicore Navigator provides hardware-accelerated dispatch that directs tasks to the appropriate
available hardware. The packet-based system on a chip (SoC) uses the 2-Tbps capacity of the TeraNet switched
central resource to move packets. The Multicore Shared Memory Controller enables processing cores to access
shared memory directly without drawing from the TeraNet’s capacity, so packet movement cannot be blocked by
memory access.
HyperLink provides a 50-GBaud chip-level interconnect that allows SoCs to work in tandem. Its low-protocol
overhead and high throughput make HyperLink an ideal interface for chip-to-chip interconnections. Working with
Multicore Navigator, HyperLink dispatches tasks to tandem devices transparently and executes tasks as if they are
running on local resources.
1.4 Device Description
The 66AK2Hx platform combines the quad ARM® Cortex™-A15 with up to eight TMS320C66x high-performance
DSPs using the KeyStone II architecture. The 66AK2H14/12/06 provides up to 5.6 GHz of ARM and 9.6 GHz of DSP
processing coupled with security, packet processing, and Ethernet switching at lower power than multi-chip
solutions. It is optimal for embedded infrastructure applications like cloud computing, media processing,
high-performance computing, transcoding, security, gaming, analytics, and virtual desktop.
The C66x core combines fixed-point and floating-point computational capability in the processor without
sacrificing speed, size, or power consumption. The raw computational performance is 38.4 GMACS/core and 19.2
Gflops/core (@ 1.2 GHz operating frequency). The C66x is also 100% backward compatible with software for C64x+
devices. It incorporates 90 new instructions targeted for floating point (FPi) and vector math oriented (VPi)
processing.
The 66AK2H14/12/06 device has a complete set of development tools that includes: a C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows debugger interface for visibility into source
code execution.


Similar Part No. - 66AK2H14DAAW24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2H14DAAW24 TI1-66AK2H14DAAW24 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results

Similar Description - 66AK2H14DAAW24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12 Datasheet
2Mb / 231P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2E05 TI1-66AK2E05_16 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com