Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP3503ECBB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3503ECBB
Description  Applications Processors
Download  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3503ECBB Datasheet(HTML) 1 Page - Texas Instruments

  OMAP3503ECBB Datasheet HTML 1Page - Texas Instruments OMAP3503ECBB Datasheet HTML 2Page - Texas Instruments OMAP3503ECBB Datasheet HTML 3Page - Texas Instruments OMAP3503ECBB Datasheet HTML 4Page - Texas Instruments OMAP3503ECBB Datasheet HTML 5Page - Texas Instruments OMAP3503ECBB Datasheet HTML 6Page - Texas Instruments OMAP3503ECBB Datasheet HTML 7Page - Texas Instruments OMAP3503ECBB Datasheet HTML 8Page - Texas Instruments OMAP3503ECBB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 263 page
background image
OMAP3515, OMAP3503
www.ti.com
SPRS505H – FEBRUARY 2008 – REVISED OCTOBER 2013
OMAP3515 and OMAP3503 Applications Processors
Check for Samples: OMAP3515, OMAP3503
1
OMAP3515 and OMAP3503 Applications Processors
1.1
Features
12
– 256-KB L2 Cache
• OMAP3515 and OMAP3503 Devices:
• 112KB of ROM
– OMAP™ 3 Architecture
• 64KB of Shared SRAM
– MPU Subsystem
• Endianess:
Up to 720-MHz ARM® Cortex™-A8 Core
– ARM Instructions – Little Endian
NEON™ SIMD Coprocessor
– ARM Data – Configurable
– PowerVR® SGX™ Graphics Accelerator
(OMAP3515 Device Only)
• External Memory Interfaces:
Tile-Based Architecture Delivering up to
– SDRAM Controller (SDRC)
10 MPoly/sec
16- and 32-Bit Memory Controller with
Universal Scalable Shader Engine: Multi-
1GB of Total Address Space
threaded Engine Incorporating Pixel and
Interfaces to Low-Power Double Data
Vertex Shader Functionality
Rate (LPDDR) SDRAM
Industry Standard API Support:
SDRAM Memory Scheduler (SMS) and
OpenGLES 1.1 and 2.0, OpenVG1.0
Rotation Engine
Fine-Grained Task Switching, Load
– General Purpose Memory Controller (GPMC)
Balancing, and Power Management
16-Bit-Wide Multiplexed Address and
Programmable High-Quality Image Anti-
Data Bus
Aliasing
Up to 8 Chip-Select Pins with 128-MB
– Fully Software-Compatible with ARM9™
Address Space per Chip-Select Pin
– Commercial and Extended Temperature
Glueless Interface to NOR Flash, NAND
Grades
Flash (with ECC Hamming Code
• ARM Cortex-A8 Core
Calculation), SRAM, and Pseudo-SRAM
– ARMv7 Architecture
Flexible Asynchronous Protocol Control
for Interface to Custom Logic (FPGA,
TrustZone®
CPLD, ASICs, and so forth)
Thumb®-2
Nonmultiplexed Address and Data Mode
MMU Enhancements
(Limited 2-KB Address Space)
– In-Order, Dual-Issue, Superscalar
• System Direct Memory Access (sDMA)
Microprocessor Core
Controller (32 Logical Channels with
– NEON Multimedia Architecture
Configurable Priority)
– Over 2x Performance of ARMv6 SIMD
• Camera Image Signal Processor (ISP)
– Supports Both Integer and Floating-Point
– CCD and CMOS Imager Interface
SIMD
– Memory Data Input
– Jazelle® RCT Execution Environment
– BT.601 (8-Bit) and BT.656 (10-Bit) Digital
Architecture
YCbCr 4:2:2 Interface
– Dynamic Branch Prediction with Branch
– Glueless Interface to Common Video
Target Address Cache, Global History
Decoders
Buffer, and 8-Entry Return Stack
– Resize Engine
– Embedded Trace Macrocell (ETM) Support
Resize Images From 1/4x to 4x
for Noninvasive Debug
Separate Horizontal and Vertical Control
• ARM Cortex-A8 Memory Architecture:
• Display Subsystem
– 16-KB Instruction Cache (4-Way Set-
Associative)
– Parallel Digital Output
– 16-KB Data Cache (4-Way Set-Associative)
Up to 24-Bit RGB
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2008–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - OMAP3503ECBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3503ECBB TI1-OMAP3503ECBB Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3503ECBBA TI1-OMAP3503ECBBA Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
More results

Similar Description - OMAP3503ECBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3530 TI1-OMAP3530_17 Datasheet
2Mb / 265P
[Old version datasheet]   Applications Processors
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
[Old version datasheet]   Applications Processors
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_08 Datasheet
1Mb / 122P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_09 Datasheet
2Mb / 118P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31 Datasheet
1Mb / 170P
   Multimedia Applications Processors
logo
Texas Instruments
OMAP3515DCUS TI1-OMAP3515DCUS Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
DRA726 TI1-DRA726 Datasheet
65Kb / 3P
[Old version datasheet]   Automotive Applications Processors Technical Brief
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
   MX Family of applications processors
logo
Texas Instruments
OMAP3515 TI1-OMAP3515_15 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com