Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDRS05A017xyE Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VDRS05A017xyE
Description  VDR Metal Oxide Varistors Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS05A017xyE Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VDRS05A017xyE Datasheet HTML 7Page - Vishay Siliconix VDRS05A017xyE Datasheet HTML 8Page - Vishay Siliconix VDRS05A017xyE Datasheet HTML 9Page - Vishay Siliconix VDRS05A017xyE Datasheet HTML 10Page - Vishay Siliconix VDRS05A017xyE Datasheet HTML 11Page - Vishay Siliconix VDRS05A017xyE Datasheet HTML 12Page - Vishay Siliconix VDRS05A017xyE Datasheet HTML 13Page - Vishay Siliconix VDRS05A017xyE Datasheet HTML 14Page - Vishay Siliconix VDRS05A017xyE Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
11
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
14 VRMS to 40 VRMS; VDRS07
50 VRMS to 175 VRMS; VDRS07
230 VRMS to 460 VRMS; VDRS07
10
100
1000
CURRENT (A)
040
035
030
025
020
017
014
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103
10
100
1000
CURRENT (A)
175
150
140
130
095
075
060
050
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103
100
1000
CURRENT (A)
460
420
385
350
320
300
275
250
230
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103


Similar Part No. - VDRS05A017xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS05A017XYE VISHAY-VDRS05A017XYE Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
VDRS05A017XYE VISHAY-VDRS05A017XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
More results

Similar Description - VDRS05A017xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com