Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1620CCMPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1620CCMPR
Description  12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1620CCMPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12D1620CCMPR Datasheet HTML 7Page - Texas Instruments ADC12D1620CCMPR Datasheet HTML 8Page - Texas Instruments ADC12D1620CCMPR Datasheet HTML 9Page - Texas Instruments ADC12D1620CCMPR Datasheet HTML 10Page - Texas Instruments ADC12D1620CCMPR Datasheet HTML 11Page - Texas Instruments ADC12D1620CCMPR Datasheet HTML 12Page - Texas Instruments ADC12D1620CCMPR Datasheet HTML 13Page - Texas Instruments ADC12D1620CCMPR Datasheet HTML 14Page - Texas Instruments ADC12D1620CCMPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
VDR
DR GND
+
-
+
-
VDR
DR GND
+
-
+
-
11
ADC12D1620QML-SP
www.ti.com
SNAS717 – APRIL 2017
Product Folder Links: ADC12D1620QML-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions: Analog Front-End and Clock Pins (continued)
PIN
TYPE
DESCRIPTION
EQUIVALENT CIRCUIT
NAME
NO.
DId11+, DId11–
DId10+, DId10–
DId9+, DId9–
DId8+, DId8–
DId7+, DId7–
DId6+, DId6–
DId5+, DId5–
DId4+, DId4–
DId3+, DId3–
DId2+, DId2–
DId1+,DId1 –
DId0+, DId0–
·
DQd11+, DQd11–
DQd10+, DQd10–
DQd9+, DQd9–
DQd8+, DQd8–
DQd7+, DQd7–
DQd6+, DQd6–
DQd5+, DQd5–
DQd4+, DQd4–
DQd3+, DQd3–
DQd2+, DQd2–
DQd1+, DQd1–
DQd0+, DQd0–
A18/A19
B17/C16
A16/B16
B15/C15
C14/D14
A14/B14
B13/C13
C12/D12
A12/B12
B11/C11
C10/D10
A10/B10
·
Y18/Y19
W17/V16
Y16/W16
W15/V15
V14/U14
Y14/W14
W13/V13
V12/U12
Y12/W12
W11/V11
V10/U10
Y10/W10
O
Delayed I- and Q-channel digital data outputs. In
non-demux mode, these outputs are tri-state. In
demux mode, these outputs provide ½ the data at ½
the sampling clock rate, synchronized with the non-
delayed data; that is, the other ½ of the data which
was sampled one clock cycle later. Compared with
the DI and DQ outputs, these outputs represent the
earlier time samples. If used, terminate each of
these outputs with a 100-Ω differential resistor
placed as closely as possible to the differential
receiver.
ORI+,
ORI–
ORQ+,
ORQ–
K17/K18
L17/L18
O
Out-of-range output for the I and Q channel. This
differential output is asserted logic-high while the
over- or under-range condition exists; that is, the
differential signal at each respective analog input
exceeds the full-scale value. Each OR result refers
to the current data, with which it is clocked out. If
used, terminate each of these outputs with a 100-Ω
differential resistor placed as closely as possible to
the differential receiver.


Similar Part No. - ADC12D1620CCMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620CCMPR TI-ADC12D1620CCMPR Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - ADC12D1620CCMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1600QML TI-ADC12D1600QML Datasheet
809Kb / 67P
[Old version datasheet]   12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
[Old version datasheet]   ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com