Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRPG-300-48 Datasheet(PDF) 1 Page - Total Power International

Part # HRPG-300-48
Description  300W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HRPG-300-48 Datasheet(HTML) 1 Page - Total Power International

  HRPG-300-48 Datasheet HTML 1Page - Total Power International HRPG-300-48 Datasheet HTML 2Page - Total Power International HRPG-300-48 Datasheet HTML 3Page - Total Power International HRPG-300-48 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Universal AC input / Full range
Built-in active PFC function, PF>0.95
High efficiency up to 89% (typ.)
Protections: Short circuit / Overload / Over voltage / Over temperature
With DC OK signal output
emote ON-OFF control
Stand by 5V@0.3A
No load power consumption<0.5W
5 years warranty
Withstand 300VAC surge input for 5 seconds
Built-in constant current limiting circuit
1U low profile 41mm
Built-in cooling Fan ON-OFF control (load)
Built-in r
Built-in remote sense function
SPECIFICATION
HRPG-300-3.3 HRPG-300-5
HRPG-300-7.5 HRPG-300-12 HRPG-300-15 HRPG-300-24 HRPG-300-36 HRPG-300-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMICONDUCTION&RADIATION
SAFETY &
EMSIMMUNITY
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
DCOKSIGNAL
REMOTECONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
15V
24V
36V
48V
60A
60A
40A
27A
22A
14A
9A
7A
0~60A
0~60A
0~40A
0~27A
0~22A
0~14A
0~9A
0~7A
198W
300W
300W
324W
330W
336W
324W
336W
80mVp-p
90mVp-p
100mVp-p
120mVp-p
150mVp-p
150mVp-p
250mVp-p
250mVp-p
2.8~3.8V
4.3~5.8V
6.8~9V
10.2~13.8V
13.5~18V
21.6~28.8V
28.8~39.6V
40.8~55.2V
2.5%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
0.2%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
1000ms,50ms/230VAC2500ms,50ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.99/115VACatfullload
79%
82%
6~7V
9.4~10.9V
14.4~16.8V
18.8~21.8V
30~34.8V
41.4~48.6V
57.6~67.2V
86%
88%
88%
87%
88%
89%
5A/115VAC2.5A/230VAC
35A/115VAC70A/230VAC
<1mA /240VAC
105~135%ratedoutputpower
3.96~4.62V
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
100
5
for3.3V,5V,7.5V;95
5
forothers(TSW2:
powerdiod
detectonheatsinkof
e)
90
5
(TSW1: detectonheatsinkofpowertransistor)
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2, heavyindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
-30~+70
(Refertooutputloadderatingcurve)
RC+/RC-:4~10Voropen=poweron;0~0.8Vorshort=poweroff
PSUturnon:3.3~5.6V;PSUturnoff:0~1V
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes
176Khrsmin.MIL-HDBK-217F(25
)
199*105*41mm(L*W*H)
Authorized Distributor: Total Power International, Inc.
Toll Free: 877-646-0900(US)
PH# 978-453-7272
www.total-power.com
Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
H R P G - 3 0 0 series
300WSingleOutputwithPFCFunction
FUNCTION
0.95Kg;15pcs/15.3Kg/0.69CUFT
5VSTANDBY
5VSB:5V@0.3A ;tolerance
5%,ripple:50mVp-p(max.)


Similar Part No. - HRPG-300-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRPG-300-48 MEANWELL-HRPG-300-48 Datasheet
303Kb / 4P
   300W Single Output with PFC Function
HRPG-300-48 MEANWELL-HRPG-300-48 Datasheet
299Kb / 4P
   300W Single Output with PFC Function
More results

Similar Description - HRPG-300-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-300 MEANWELL-SPV-300_10 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
EPP-300 MEANWELL-EPP-300 Datasheet
1Mb / 2P
   300W Single Output with PFC Function
HRP-300N MEANWELL-HRP-300N Datasheet
161Kb / 5P
   300W Single Output with PFC Function
HRP-300-3.3 MEANWELL-HRP-300-3.3 Datasheet
272Kb / 2P
   300W Single Output with PFC Function
SPV-300 MEANWELL-SPV-300_11 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
HSP-300 MEANWELL-HSP-300 Datasheet
156Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_11 Datasheet
265Kb / 2P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_10 Datasheet
268Kb / 2P
   300W Single Output with PFC Function
HRPG-300 MEANWELL-HRPG-300 Datasheet
567Kb / 4P
   300W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com