Electronic Components Datasheet Search |
|
RC1218JK-139K76P Datasheet(PDF) 8 Page - YAGEO Corporation |
|
RC1218JK-139K76P Datasheet(HTML) 8 Page - YAGEO Corporation |
8 / 8 page Chip Resistor Surface Mount www.yageo.com Aug. 22, 2014 V.0 Product specification 8 8 SERIES RC_P 0100 to 2512 “ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any product change will be announced by PCN.” REVISION HISTORY TYPE POWER TOLERANCE RESISTANCE RANGE TEMPERATURE COEFFICIENT OF RESISTANCE PF 0603 1/10W, 1/5W, 3/10W, 2/5W, 1/2W ± 1% ± 2% ± 5% 5 mΩ≦ R < 100 mΩ ±75 ppm/°C 0805 1/8W, 1/4W, 1/3W, 1/2W 4 mΩ ≦ R < 100 mΩ 1206 1/4W, 1/2W 3 mΩ ≦ R < 100 mΩ 2010 1/2W, 1W The resistors are constructed using outstanding TCR level material, which makes Yageo PF resistors excellent for current sensing application in battery charger circuit & DC-DC converter. The composition of the resistive material is adjusted to give the approximate required resistance and is covered with a protective coating, which printed with the resistance value. Finally, the three external terminations (Ni / matte Tin) are added, as shown in Fig. 4. 5 mΩ ≦ R < 100 mΩ 2512 1W, 2W 1 mΩ ≦ R < 100 mΩ 3W 1 mΩ ≦ R ≦ 50 mΩ 4527 2W, 3W, 5W 6 mΩ ≦ R < 1Ω NOTE: 1. PLEASE CONTACT WITH SALES OFFICES, DISTRIBUTORS AND REPRESENTATIVES IN YOUR REGION BEFORE ORDERING REVISION DATE CHANGE NOTIFICATION DESCRIPTION Version 0 Aug. 22, 2014 - - First issue of this specification |
Similar Part No. - RC1218JK-139K76P |
|
Similar Description - RC1218JK-139K76P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |