Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR-45 Datasheet(PDF) 1 Page - Total Power International

Part # DR-45
Description  45W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

DR-45 Datasheet(HTML) 1 Page - Total Power International

  DR-45_17 Datasheet HTML 1Page - Total Power International DR-45_17 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
DR-4505
DR-4512
DR-4515
DR-4524
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
15V
24V
5A
3.5A
2.8A
2A
0~5A
0~3.5A
0~2.8A
0~2A
25W
42W
42W
48W
100mVp-p
200mVp-p
240mVp-p
13.5~16.5V
480mVp-p
21.6~26.4V
2.0%
1.0%
1.0%
1.0%
10.8~13.2V
4.75~5.5V
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
800ms,60ms/230VAC atfullload
100ms/230VAC atfullload
85~264VAC120~370VDC
47~63Hz
72%
77%
77%
80%
1.5A/115VAC0.75A/230VAC
COLDSTART 28A/115VAC56A/230VAC
<1mA /240VAC
105~150% ratedoutputpower
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
5.75~6.75V
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
13.8~16.2V
17.25~20.25V
27.6~32.4V
Tj135
typically (U1)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
-10~+50
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
364.6Khrsmin.MIL-HDBK-217F(25
)
93*78*67mm(L*W*H)
0.31Kg;48pcs/16.1Kg/1.3CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
UL508, TUVEN60950-1approved
CompliancetoEN55011,EN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
45WSingleOutputIndustrialDINRailPowerSupply
D R - 4 5 series
Universal AC input/Full range
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Can be installed on DIN rail TS-35/7.5 or 15
UL 508(industrial control equipment)approved
LED indicator for power on
100% full load burn-in test
Fix switching frequency at 100KHz
3 years warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
EMICONDUCTION&RADIATION
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - DR-45_17

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
DR-45-12 MPD-DR-45-12 Datasheet
122Kb / 2P
   Low Cost, Industrial 45W, DIN Rail Mount AC/DC Power Supplies
DR-45-15 MPD-DR-45-15 Datasheet
122Kb / 2P
   Low Cost, Industrial 45W, DIN Rail Mount AC/DC Power Supplies
logo
Mean Well Enterprises C...
DR-45 MEANWELL-DR-45_11 Datasheet
272Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - DR-45_17

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-45 MEANWELL-DR-45_11 Datasheet
272Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
DR-45 MEANWELL-DR-45 Datasheet
107Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-45 ALTECH-PS-45 Datasheet
129Kb / 1P
   45W Single Output Industrial DIN Rail Power Supply
PS45 ALTECH-PS45_1 Datasheet
98Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com