Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLV690-1001 Datasheet(PDF) 4 Page - SICK AG

Part # CLV690-1001
Description  BAR CODE SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV690-1001 Datasheet(HTML) 4 Page - SICK AG

  CLV690-1001 Datasheet HTML 1Page - SICK AG CLV690-1001 Datasheet HTML 2Page - SICK AG CLV690-1001 Datasheet HTML 3Page - SICK AG CLV690-1001 Datasheet HTML 4Page - SICK AG CLV690-1001 Datasheet HTML 5Page - SICK AG CLV690-1001 Datasheet HTML 6Page - SICK AG CLV690-1001 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV690-1001 | CLV69x
BAR CODE SCANNERS
Enclosure rating
IP65 (EN 60529/A1 (2002-02))
Electrical safety
As per UL 60950-1 certification
Weight
2,200 g
Dimensions (L x W x H)
182 mm x 128 mm x 97 mm
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-4 (2007-01) + A1 (2011)
EN 61000-6-2 (2005-08)
Vibration resistance
EN 60068-2-6 (2008-02)
Shock resistance
EN 60068-2-27 (2009-05)
Ambient operating temperature
–35 °C ... +35 °C
Storage temperature
–20 °C ... +70 °C
Permissible relative humidity
90 %, Non-condensing
Ambient light immunity
2,000 lx, on bar code
Classifications
ECl@ss 5.0
27280102
ECl@ss 5.1.4
27280102
ECl@ss 6.0
27280102
ECl@ss 6.2
27280102
ECl@ss 7.0
27280102
ECl@ss 8.0
27280102
ECl@ss 8.1
27280102
ECl@ss 9.0
27280102
ETIM 5.0
EC002550
ETIM 6.0
EC002550
UNSPSC 16.0901
43211701
Dimensional drawing (Dimensions in mm (inch))
1
20°
20°
15°
58 (2.28)
181.8 (7.16)
13
(.51)
43
(1.69)
35
(1.38)
21
(.83)
56 (2.2)
17.7 (.07)
①  M6 blind tapped holes, 7 mm deep (2 x), for mounting
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice


Similar Part No. - CLV690-1001

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV690-1000 SICK-CLV690-1000 Datasheet
1Mb / 7P
   BAR CODE SCANNERS
More results

Similar Description - CLV690-1001

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com