Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLV690-0010 Datasheet(PDF) 3 Page - SICK AG

Part # CLV690-0010
Description  BAR CODE SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV690-0010 Datasheet(HTML) 3 Page - SICK AG

  CLV690-0010 Datasheet HTML 1Page - SICK AG CLV690-0010 Datasheet HTML 2Page - SICK AG CLV690-0010 Datasheet HTML 3Page - SICK AG CLV690-0010 Datasheet HTML 4Page - SICK AG CLV690-0010 Datasheet HTML 5Page - SICK AG CLV690-0010 Datasheet HTML 6Page - SICK AG CLV690-0010 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CLV690-0010 | CLV69x
BAR CODE SCANNERS
Interfaces
Ethernet TCP/IP
Remark Only with cloning plug I/O, CAN IN/OUT or CAN Redundant
Function Host, AUX
Data transmission rate 10/100 MBit/s
PROFINET
Remark Only with cloning plug I/O, CAN IN/OUT or CAN Redundant
Function PROFINET Dual Port (optional via external connection module CDF600-2)
EtherNet/IP™
Remark Only with cloning plug I/O, CAN IN/OUT or CAN Redundant
Data transmission rate 10/100 MBit/s
Serial
✔, RS-232, RS-422, RS-485
Remark Only with cloning plug D-Sub and Ethernet
Function Host, AUX (only RS-232)
Data transmission rate 0.3 kBaud ... 115.2 kBaud, AUX: 57.6 kBaud (RS-232)
CAN
Function SICK CAN sensor network (Master/Slave, Multiplexer/Server)
Data transmission rate 20 kbit/s ... 1 Mbit/s
PROFIBUS DP
Type of fieldbus integration Optional over external fieldbus module CDF600-2
DeviceNet™
Type of fieldbus integration Optional via external connection module CDM + CMF
Switching inputs
6 (“Sensor 1” ... “Sensor 6”)
Switching outputs
4 (“Result 1” ... “Result 4”)
Reading pulse
Switching inputs, serial interface, auto pulse, CAN
Optical indicators
6 LEDs (Ready, Result, laser, Data, CAN, LNK TX, Bar graph for displaying the reading rate per-
centage (10 LEDs))
Operating elements
2 buttons
Parameter storage
Integrated in cloning plug
Configuration software
SOPAS ET
Mechanics/electronics
Electrical connection
Depending on the cloning plug used
Operating voltage
18 V DC ... 30 V DC
Power consumption
15 W
Housing
Aluminum die cast
Housing color
Light blue (RAL 5012)
Front screen
Plastic
Enclosure rating
IP65 (EN 60529/A1 (2002-02))
Electrical safety
As per UL 60950-1 certification
Weight
1,500 g
Dimensions (L x W x H)
117 mm x 117 mm x 94 mm
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3


Similar Part No. - CLV690-0010

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV690-0000 SICK-CLV690-0000 Datasheet
1Mb / 7P
   BAR CODE SCANNERS
CLV690-0001 SICK-CLV690-0001 Datasheet
1Mb / 7P
   BAR CODE SCANNERS
More results

Similar Description - CLV690-0010

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com