Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCLT1008 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCLT1008
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1008 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCLT1008 Datasheet HTML 1Page - Vishay Siliconix TCLT1008 Datasheet HTML 2Page - Vishay Siliconix TCLT1008 Datasheet HTML 3Page - Vishay Siliconix TCLT1008 Datasheet HTML 4Page - Vishay Siliconix TCLT1008 Datasheet HTML 5Page - Vishay Siliconix TCLT1008 Datasheet HTML 6Page - Vishay Siliconix TCLT1008 Datasheet HTML 7Page - Vishay Siliconix TCLT1008 Datasheet HTML 8Page - Vishay Siliconix TCLT1008 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
Document Number 83515
Rev. A3, 19–Mar–01
www.vishay.com
1 (12)
Optocoupler with Phototransistor Output
Description
The TCLT10.. Series consists of a phototransistor
optically coupled to a gallium arsenide infrared-
emitting diode in a 4-lead SO6L package.
The elements are mounted on one leadframe using a
coplanar technique, providing a fixed distance
between
input
and
output
for
highest
safety
requirements.
Applications
Circuits
for
safe
protective
separation
against
electrical shock according to safety class II (reinforced
isolation):
For appl. class I –
IV at mains voltage ≤ 300 V
For appl. class I – III at mains voltage
≤ 600 V
according to VDE 0884, table 2, suitable for:
Switch-mode
power
supplies,
line
receiver,
computer peripheral interface, microprocessor
system interface.
VDE Standards
These couplers perform safety functions according to
the following equipment standards:
VDE 0884
Optocoupler for electrical safety requirements
(will be replaced by IEC 747–5–1.2.3)
IEC 950/EN 60950
Office machines (applied for reinforced isolation
for mains voltage ≤ 400 VRMS)
VDE 0804
Telecommunication apparatus and data
processing
IEC 65
Safety for mains-operated electronic and related
household apparatus
15231
4
3
1
2
C


Similar Part No. - TCLT1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1008 VISHAY-TCLT1008 Datasheet
413Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1008 VISHAY-TCLT1008 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT1008 VISHAY-TCLT1008 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT1008 VISHAY-TCLT1008 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
More results

Similar Description - TCLT1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com