Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCLT1008 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCLT1008
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1008 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCLT1008 Datasheet HTML 1Page - Vishay Siliconix TCLT1008 Datasheet HTML 2Page - Vishay Siliconix TCLT1008 Datasheet HTML 3Page - Vishay Siliconix TCLT1008 Datasheet HTML 4Page - Vishay Siliconix TCLT1008 Datasheet HTML 5Page - Vishay Siliconix TCLT1008 Datasheet HTML 6Page - Vishay Siliconix TCLT1008 Datasheet HTML 7Page - Vishay Siliconix TCLT1008 Datasheet HTML 8Page - Vishay Siliconix TCLT1008 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
Document Number 83515
Rev. A3, 19–Mar–01
www.vishay.com
5 (12)
Maximum Safety Ratings (according to VDE 0884) see figure 1
This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Input (Emitter)
Parameters
Test Conditions
Symbol
Value
Unit
Forward current
Isi
130
mA
Output (Detector)
Parameters
Test Conditions
Symbol
Value
Unit
Power dissipation
Tamb ≤ 25 C
Psi
265
mW
Coupler
Parameters
Test Conditions
Symbol
Value
Unit
Rated impulse voltage
VIOTM
8
kV
Safety temperature
Tsi
150
C
Insulation Rated Parameters (according to VDE 0884)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Partial discharge test voltage –
Routine test
100%, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltag –
Lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
8
kV
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
Q
VIO = 500 V,
Tamb = 100 C
RIO
1011
Q
VIO = 500 V,
Tamb = 150 C
(construction test only)
RIO
109
Q
300
250
Phototransistor
Psi ( mW )
200
150
100
VIOTM
VPd
VIOWM
VIORM
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
50
IR-Diode
Isi ( mA )
0
0
25
50
75
100
125
150
0
t1
13930
tTr = 60 s
t3 ttest t4
t2
tstres
94 9182
Tsi – Safety Temperature ( °C )
t
Figure 1. Derating diagram
Figure 2. Test pulse diagram for sample test according to
DIN VDE 0884


Similar Part No. - TCLT1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1008 VISHAY-TCLT1008 Datasheet
413Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1008 VISHAY-TCLT1008 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT1008 VISHAY-TCLT1008 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT1008 VISHAY-TCLT1008 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
More results

Similar Description - TCLT1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com