Electronic Components Datasheet Search |
|
CC0603GKNPO0BB121 Datasheet(PDF) 9 Page - YAGEO Corporation |
|
CC0603GKNPO0BB121 Datasheet(HTML) 9 Page - YAGEO Corporation |
9 / 18 page Mid-voltage NP0 /X7R 100 V to 630 V www.yageo.com Dec. 9, 2016 V.18 Surface-Mount Ceramic Multilayer Capacitors 9 18 Product specification Table 10 Sizes from 0402 to 0805 CAPACITANCE RANGE & THICKNESS FOR X7R CAP. 0402 0603 0805 100 V 100 V 250 V 100 V 200 V 250 V 500 V 630 V 100 pF 0.5± 0.05 0.8± 0.1 150 pF 0.85± 0.1 0.85± 0.1 220 pF 0.8± 0.1 0.6± 0.1 0.85± 0.1 0.85± 0.1 330 pF 470 pF 680 pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 1.25± 0.2 1.25± 0.2 10 nF 1.25± 0.2 1.25± 0.2 15 nF 0.85± 0.1 22 nF 33 nF 1.25± 0.2 47 nF 68 nF 100 nF 150 nF 220 nF 330 nF 470 nF NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-6 series is on request 3. For special ordering code, please contact local sales force before order 4. For product with 5% tolerance, please contact local sales force before order |
Similar Part No. - CC0603GKNPO0BB121 |
|
Similar Description - CC0603GKNPO0BB121 |