Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLV490-1011 Datasheet(PDF) 3 Page - SICK AG

Part # CLV490-1011
Description  BAR CODE SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV490-1011 Datasheet(HTML) 3 Page - SICK AG

  CLV490-1011 Datasheet HTML 1Page - SICK AG CLV490-1011 Datasheet HTML 2Page - SICK AG CLV490-1011 Datasheet HTML 3Page - SICK AG CLV490-1011 Datasheet HTML 4Page - SICK AG CLV490-1011 Datasheet HTML 5Page - SICK AG CLV490-1011 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CLV490-1011 | CLV49x
BAR CODE SCANNERS
1 ... 6 (SMART decoder)
No. of codes per reading interval
1 ... 50 (auto-discriminating)
No. of characters per reading interval
600
No. of multiple readings
1 ... 99
Interfaces
Serial (RS-232, RS-422/-485)
✔, AUX (only RS-232)
Function Host, AUX
Data transmission rate 300 Baud ... 57,600 Baud, AUX: 9,600 baud
Ethernet
✔, optional via external connection module (CDM + CMF)
CAN bus
Function SICK CAN sensor network (Master/Slave, Multiplexer)
Data transmission rate 20 kbit/s ... 1 Mbit/s
Protocol CANopen, CSN (SICK CAN Sensor Network)
PROFIBUS DP
✔, optional via external connection module (CDM + CMF)
DeviceNet
✔, optional via external connection module (CDM + CMF)
Switching inputs
6 (Sensor, IN 0 ... IN 4)
Switching outputs
4 (“Result 1” ... “Result 4”)
Reading pulse
Switching input “Sensor” (+ “IN 4”), non-powered, data interface, OTS (Omni tracking)
Optical indicators
4 LEDs (function indicator)
Mechanics/electronics
Electrical connection
1 x 15-pin D-sub HD plug
1 x 15-pin D-Sub HD device female connector
Operating voltage
≤ 24 V DC, ≥ 20 %
≤ –10 %
Power consumption
100 W
Housing
Aluminum die cast, no materials containing silicone on outside
Housing color
Light blue (RAL 5012)
Enclosure rating
IP 65 (DIN 40 050)
Protection class
III (VDE 0106)
Weight
2,200 g
Dimensions (L x W x H)
183 mm x 127.5 mm x 97.5 mm
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-2 (2001-10)
EN 61000-6-3 (2001-10)
EN 61000-6-3 / A11 (2004-07)
Vibration resistance
EN 60068-2-6 (1995)
Shock resistance
EN 60068-2-27 (1993)
Ambient operating temperature
–35 °C ... +35 °C
Storage temperature
–20 °C ... +70 °C
Permissible relative humidity
± 90 %, Non-condensing
Ambient light immunity
2,000 lx, on bar code
General notes
Life cycle phase
Discontinued
2016-10-28 19:13:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3


Similar Part No. - CLV490-1011

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV490-1010 SICK-CLV490-1010 Datasheet
805Kb / 6P
   BAR CODE SCANNERS
More results

Similar Description - CLV490-1011

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com