Electronic Components Datasheet Search |
|
MP7543AD Datasheet(PDF) 2 Page - Exar Corporation |
|
MP7543AD Datasheet(HTML) 2 Page - Exar Corporation |
2 / 12 page MP7543 2 Rev. 2.00 ORDERING INFORMATION Package Type Temperature Range Part No. Ceramic Dip MP7543AD Ceramic Dip MP7543BD Ceramic Dip MP7543TD* Plastic Dip MP7543JN Plastic Dip MP7543KN PLCC MP7543JP PLCC MP7543KP –40 to +85 °C –40 to +85 °C –55 to +125 °C SOIC MP7543JS SOIC MP7543KS +1 +1 +1 +1 +1/2 +1/2 +1/2 +1/2 +1/2 +2 +2 +2 +2 +1 +1 +1 +1 +1 +14.5 +14.5 +14.5 +14.5 +14.5 +14.5 +14.5 +14.5 +14.5 –40 to +85 °C –40 to +85 °C –40 to +85 °C –40 to +85 °C –40 to +85 °C –40 to +85 °C Ceramic Dip MP7543SD* –55 to +125 °C +1+2+14.5 INL (LSB) Gain Error (LSB) DNL (LSB) *Contact factory for non-compliant military processing PIN CONFIGURATIONS See Packaging Section for Package Dimensions AGND STB1 N/C SRI STB2 DGND STB4 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 16 Pin CDIP, PDIP (0.300”) D16, N16 3 2 1 20 19 9 1011 1213 4 5 6 7 8 18 17 16 15 14 20 Pin PLCC P20 RFB VREF VDD 16 1 9 8 2 3 4 5 6 7 15 14 13 12 11 10 See Pin Out at Left 16 Pin SOIC (Jedec, 0.300”) S16 AGND STB1 SRI STB2 STB4 DGND VDD VREF RFB N/C N/C N/C N/C N/C IOUT1 IOUT2 IOUT1 IOUT2 CLR LD1 LD2 STB3 LD2 STB3 CLR LD1 |
Similar Part No. - MP7543AD |
|
Similar Description - MP7543AD |