Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiP12109DB Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SiP12109DB
Description  4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP12109DB Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SiP12109DB Datasheet HTML 6Page - Vishay Siliconix SiP12109DB Datasheet HTML 7Page - Vishay Siliconix SiP12109DB Datasheet HTML 8Page - Vishay Siliconix SiP12109DB Datasheet HTML 9Page - Vishay Siliconix SiP12109DB Datasheet HTML 10Page - Vishay Siliconix SiP12109DB Datasheet HTML 11Page - Vishay Siliconix SiP12109DB Datasheet HTML 12Page - Vishay Siliconix SiP12109DB Datasheet HTML 13Page - Vishay Siliconix SiP12109DB Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SiP12109
www.vishay.com
Vishay Siliconix
S13-2479-Rev. A, 16-Dec-13
10
Document Number: 62694
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 21 - CM-COT Operational Principle
The following equation illustrates the relationship between
on-time, VIN, VOUT and RON value:
Once on-time is set, the pseudo constant frequency is then
determined by the following equation:
Loop Stability and Compensator Design
Due to the nature of current mode control, a simple RC network (type II compensator) is required between COMP and AGND for
loop stability and transient response purpose. The general concept of this loop design is to introduce a single zero through the
compensator to determine the crossover frequency of overall close loop system.
The overall loop can be broken down into following segments.
Output feedback divider transfer function HfbZ:
Voltage compensator transfer function GCOMP (s):
Modulator transfer function Hmod (s):
The complete loop transfer function is given by:
When:
CCOMP = Compensation capacitor
RCOMP = Compensation resistor
gm
= Error amplifier transconductance
Rload
= Load resistance
CO
= Output capacitor
RDS(on) = LS switch resistance
Rfb1
= Feedback resistor connect to LX
Rfb2
= Feedback resistor connect to ground
RO
= Output impedance of error amplifier = 20 M
AV1
= Voltage to current gain = 3
Vcurrent
vcomp
PWM
Fixed ON-time
VIN
1
TON = RON x K x
, where K = 17.5 x 10
-12 is a
constant set internally
sw =
=
=
D
TON
VOUT
1
VIN
VOUT
VIN
x RON x K
RON x K
H
fb
R
fb2
R
fb1 x Rfb2
------------------------------
=
G
COMP (s)
R
O x
1 + sC
COMPRCOMP

1 + sR
OCCOMP

------------------------------------------------------------------------- gm
=
H
mod (s)
1
AV
1 x RDS(on)
----------------------------------- x
R
load x
1 + sC
ORESR

1 + sC
ORload

--------------------------------------------------------------
=
H
mod (s)
R
fb2
R
fb1 x Rfb2
------------------------------ x
R
O x
1 + sC
COMPRCOMP

1 + sR
OCCOMP

-------------------------------------------------------------------------gm x
1
AV
1 x RDS(on)
----------------------------------- x
R
load x
1 + sC
ORESR

1 + sC
ORload

--------------------------------------------------------------
=


Similar Part No. - SiP12109DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12109DB VISHAY-SIP12109DB Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
More results

Similar Description - SiP12109DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com