Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiP12108ADMP-T1GE4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SiP12108ADMP-T1GE4
Description  2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP12108ADMP-T1GE4 Datasheet(HTML) 5 Page - Vishay Siliconix

  SiP12108ADMP-T1GE4 Datasheet HTML 1Page - Vishay Siliconix SiP12108ADMP-T1GE4 Datasheet HTML 2Page - Vishay Siliconix SiP12108ADMP-T1GE4 Datasheet HTML 3Page - Vishay Siliconix SiP12108ADMP-T1GE4 Datasheet HTML 4Page - Vishay Siliconix SiP12108ADMP-T1GE4 Datasheet HTML 5Page - Vishay Siliconix SiP12108ADMP-T1GE4 Datasheet HTML 6Page - Vishay Siliconix SiP12108ADMP-T1GE4 Datasheet HTML 7Page - Vishay Siliconix SiP12108ADMP-T1GE4 Datasheet HTML 8Page - Vishay Siliconix SiP12108ADMP-T1GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SiP12108, SiP12108A
www.vishay.com
Vishay Siliconix
S13-2257-Rev. B, 11-Nov-13
5
Document Number: 62699
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 3 - SiP12108 Pin Configuration (Top View)
PIN CONFIGURATION
PIN NUMBER
NAME
FUNCTION
1, 16
VIN
Input supply voltage for power MOS. VIN = 2.8 V to 5.5 V
2AVIN
Input supply voltage for internal circuitry. AVIN = 2.8 V to 5.5 V
3
EN
Enable pin. Pull enable above 1.5 V to enable the part and below 0.4 V to disable. Do not float this pin.
4RON
An external resistor between RON and GND sets the switching on time.
5AUTO
Sets switching mode. Connect AUTO to AVIN for forced continuous mode and AUTO to GND for power
save mode. Do not float.
6
PGOOD
Power good output. Open drain.
7
GMO
Connect to an external RC network for loop compensation and droop function
8AGND
Analog ground
9VFB
Feedback voltage. 0.6 V (typ.). Use a resistor divider between VOUT and AGND to set the output voltage.
10
VOUT
VOUT, output voltage sense connection
11, 12, 13
LX
Switching output, inductor connection point
14, 15
PGND
Power ground
EP
Exposed paddle (bottom). Connect to a good PCB thermal ground plane.
R
ON
EN
AV
IN
V
IN
V
FB
V
OUT
LX
LX
1
2
3
4
5
6
7
8
12
11
10
9
15
14
13
16
QFN16 3x3


Similar Part No. - SiP12108ADMP-T1GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12108ADMP-T1GE4 VISHAY-SIP12108ADMP-T1GE4 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
More results

Similar Description - SiP12108ADMP-T1GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
Vishay Siliconix
SIC431 VISHAY-SIC431 Datasheet
809Kb / 24P
   Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com