Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC789 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIC789
Description  60 A VRPower® Integrated Power Stage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC789 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIC789 Datasheet HTML 6Page - Vishay Siliconix SIC789 Datasheet HTML 7Page - Vishay Siliconix SIC789 Datasheet HTML 8Page - Vishay Siliconix SIC789 Datasheet HTML 9Page - Vishay Siliconix SIC789 Datasheet HTML 10Page - Vishay Siliconix SIC789 Datasheet HTML 11Page - Vishay Siliconix SIC789 Datasheet HTML 12Page - Vishay Siliconix SIC789 Datasheet HTML 13Page - Vishay Siliconix SIC789 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SiC789, SiC789A
www.vishay.com
Vishay Siliconix
S14-2287-Rev. B, 08-Dec-14
10
Document Number: 62972
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Power Loss vs. Switching Frequency
Fig. 13 - UVLO Threshold vs. Temperature
Fig. 14 - PWM Threshold vs. Temperature (SiC789A)
Fig. 15 - Driver Supply Current vs. Output Current
Fig. 16 - BOOT Diode Forward Voltage vs. Temperature
Fig. 17 - PWM Threshold vs. Driver Supply Voltage (SiC789A)
0.60
0.75
0.90
1.05
1.20
1.35
1.50
1.65
1.80
200 300 400 500 600 700 800 900 1000 1100 1200
Switching Frequency, f
S (kHz)
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
UVLO_FALLING
V
UVLO_RISING
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
TRI_TH_R
V
TRI_TH_F
V
TRI
V
TH_PWM_R
V
TH_PWM_F
0.88
0.92
0.96
1.00
1.04
1.08
1.12
1.16
1.20
0
5
10
15
20
25
30
35
40
45
50
55
Output Current, I
OUT (A)
1 MHz
300 kHz
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
I
F = 2 mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Driver Supply Voltage, V
CIN (V)
V
TH_PWM_F
V
TRI
V
TH_PWM_R
V
TRI_TH_F
V
TRI_TH_R


Similar Part No. - SIC789

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC789 VISHAY-SIC789 Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC789A VISHAY-SIC789A Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC789ACD-T1-GE3 VISHAY-SIC789ACD-T1-GE3 Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC789ADBANDSIC789DB VISHAY-SIC789ADBANDSIC789DB Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC789A VISHAY-SIC789A_V01 Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SIC789

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
   30 A VRPower® Integrated Power Stage
Rev. A, 10-Oct-16
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com