Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6318 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH6318
Description  High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6318 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH6318 Datasheet HTML 1Page - Vishay Siliconix SFH6318 Datasheet HTML 2Page - Vishay Siliconix SFH6318 Datasheet HTML 3Page - Vishay Siliconix SFH6318 Datasheet HTML 4Page - Vishay Siliconix SFH6318 Datasheet HTML 5Page - Vishay Siliconix SFH6318 Datasheet HTML 6Page - Vishay Siliconix SFH6318 Datasheet HTML 7Page - Vishay Siliconix SFH6318 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SFH6318, SFH6319
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 14-Jul-15
4
Document Number: 83678
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Test Circuit for Transient Immunity and Typical Waveforms
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55/100/21
Pollution degree
According to DIN VDE 0109
2
Comparative tracking index
Insulation group IIIa
CTI
175
Maximum rated withstanding isolation voltage
According to UL1577, t = 1 min
VISO
3333
VRMS
Tested withstanding isolation voltage
According to UL1577, t = 1 s
VISO
4000
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
6000
Vpeak
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5
VIORM
560
Vpeak
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
VIO = 500 V, Tamb = TS
RIO
≥ 109
Ω
Output safety power
PSO
350
mW
Input safety current
ISI
150
mA
Safety temperature
TS
165
°C
Creepage distance
≥ 4mm
Clearance distance
≥ 4mm
Input to output test voltage, method B
VIORM x 1.875 = VPR, 100 % production test
with tM = 1 s, partial discharge < 5 pC
VPR
1050
Vpeak
Input to output test voltage, method A
VIORM x 1.6 = VPR, 100 % sample test
with tM = 10 s, partial discharge < 5 pC
VPR
896
Vpeak
1
2
3
4
8
7
6
5
IF
RL
VO
0.1 µF
+ 5 V
VCM
220
Ω
Pulse Generator
+–
VCC
A
B
RCC
(2)
VCM
VO
5V
0V
90 %
10 %
10 %
tr
t f
Switch at A: IF =0mA
Switch at B: IF = 1.6 mA
90 %
VOL
VO
tf+tf=16 ns


Similar Part No. - SFH6318

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6318 SIEMENS-SFH6318 Datasheet
38Kb / 3P
   LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6318 VISHAY-SFH6318 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
   LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318T VISHAY-SFH6318T Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
More results

Similar Description - SFH6318

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.5, 26-Oct-04
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
6N138 VISHAY-6N138_08 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
6N139 VISHAY-6N139 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
   LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com