Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6318 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH6318
Description  High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6318 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH6318 Datasheet HTML 1Page - Vishay Siliconix SFH6318 Datasheet HTML 2Page - Vishay Siliconix SFH6318 Datasheet HTML 3Page - Vishay Siliconix SFH6318 Datasheet HTML 4Page - Vishay Siliconix SFH6318 Datasheet HTML 5Page - Vishay Siliconix SFH6318 Datasheet HTML 6Page - Vishay Siliconix SFH6318 Datasheet HTML 7Page - Vishay Siliconix SFH6318 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH6318, SFH6319
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 14-Jul-15
1
Document Number: 83678
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
DESCRIPTION
Very high current ratio together with 4000 VRMS isolation are
achieved by coupling an LED with an integrated high gain
photo detector in a SOIC-8 package. Separate pins for
the photo diode and output stage enable TTL compatible
saturation
voltages
with
high
speed
operation.
Photodarlington operation is achieved by tying the VCC and
VO terminals together. Access to the base terminal allows
adjustment to the gain bandwidth.
The SFH6318 is ideal for TTL applications since the 300 %
minimum current transfer ratio with an LED current of
1.6 mA enables operation with one unit load-in and one
unit load-out with a 2.2 k
Ω pull-up resistor.
The
SFH6319
is
best
suited
for
low
power
logic
applications involving CMOS and low power TTL. A 400 %
current transfer ratio with only 0.5 mA of LED current is
guaranteed from 0 °C to 70 °C.
Caution:
Due to the small geometries of this device, it should be
handled with electrostatic discharge (ESD) precautions.
Proper grounding would prevent damage further and / or
degradation which may be induced by ESD.
FEATURES
• High current transfer ratio, 300 %
• Low input current, 0.5 mA
• High output current, 60 mA
• TTL compatible output, VOL = 0.1 V
• Adjustable bandwidth access to base
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Logic ground isolation - TTL / TTL, TTL / CMOS,
CMOS / CMOS, CMOS / TTL
• EIA RS 232C line receiver
• Low input current line receiver long lines, party lines
• Telephone ring detector
• Line voltage status indication - low input power
dissipation
• Low power systems - ground isolation
AGENCY APPROVALS
• UL1577, file no. E52744
• cUL, file no. E52744
• DIN EN 60747-5-5 (VDE 0884-5) available with option 1
• CSA 93751
i179075_4
1
2
3
4
8
7
6
5
V
CC
V
B
V
O
GND
NC
A
C
NC
V
DE
i179074
ORDERING INFORMATION
SF
H
6
3
#
#
T
PART NUMBER
AGENCY CERTIFIED / PACKAGE
CTR (%)
UL, CSA
≥ 300
≥ 500
SOIC-8
SFH6318T
SFH6319T
SOIC-8, tube
SFH6318
SFH6319
SOIC-8
6.1 mm


Similar Part No. - SFH6318

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6318 SIEMENS-SFH6318 Datasheet
38Kb / 3P
   LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6318 VISHAY-SFH6318 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
   LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6318T VISHAY-SFH6318T Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
More results

Similar Description - SFH6318

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.6, 20-Apr-07
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
Rev. 1.5, 26-Oct-04
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
01-Jan-2022
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
   High Speed Optocoupler, 100 kBd, Low Input Current,
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
01-Jan-2022
6N138 VISHAY-6N138_08 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
6N139 VISHAY-6N139 Datasheet
104Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.6, 23-Jan-15
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.7, 24-Sep-2018
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
   LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com