Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH690DT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SFH690DT
Description  Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH690DT Datasheet(HTML) 6 Page - Vishay Siliconix

  SFH690DT Datasheet HTML 1Page - Vishay Siliconix SFH690DT Datasheet HTML 2Page - Vishay Siliconix SFH690DT Datasheet HTML 3Page - Vishay Siliconix SFH690DT Datasheet HTML 4Page - Vishay Siliconix SFH690DT Datasheet HTML 5Page - Vishay Siliconix SFH690DT Datasheet HTML 6Page - Vishay Siliconix SFH690DT Datasheet HTML 7Page - Vishay Siliconix SFH690DT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SFH690AB, SFH690A, SFH690B, SFH690C, SFH690D
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 17-Nov-15
6
Document Number: 83686
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - Normalized CTR (non-saturated) vs. Forward Current
Fig. 12 - Normalized CTR (saturated) vs. Forward Current
Fig. 13 - FCTR vs. Phase Angle
Fig. 14 - FCTR vs. Collector Current
Fig. 15 - Switching Time vs. Load Resistance
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
I
F - Forward Current (mA)
Normalized to:
I
F = 5 A, VCE = 5 V,
T
amb = 25 °C
T
amb = 0 °C
T
amb = 100 °C
T
amb = 75 °C
T
amb = - 55 °C
T
amb = 25 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
I
F - Forward Current (mA)
V
CE = 0.4 V
Normalized to:
I
F = 5 mA,
V
CE = 5 V,
T
amb = 25 °C
T
amb = 0 °C
T
amb = 75 °C
T
amb = - 55 °C
T
amb = 25 °C
T
amb = 100 °C
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
f (kHz)
V
CE = 5 V
1
10
100
1000
0.1
1
10
100
I
C (mA)
V
CC = 5 V
0.1
1
10
100
1000
0.1
1
10
100
R
L -Load Resistance (kΩ)
t
off
t
on
V
CE = 5 V, IF = 5 mA


Similar Part No. - SFH690DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690DT VISHAY-SFH690DT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
SFH690DT VISHAY-SFH690DT Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
More results

Similar Description - SFH690DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690DT VISHAY-SFH690DT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
SFH690D VISHAY-SFH690D_V01 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690AB VISHAY-SFH690AB_V02 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2023
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.5, 20-Apr-04
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.7, 16-May-08
SFH691AT VISHAY-SFH691AT Datasheet
117Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.6, 26-Oct-04
SFH691AT VISHAY-SFH691AT_V02 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
01-Jan-2023
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com